Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 45 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 45 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 41Page - Texas Instruments SPRUG13 Datasheet HTML 42Page - Texas Instruments SPRUG13 Datasheet HTML 43Page - Texas Instruments SPRUG13 Datasheet HTML 44Page - Texas Instruments SPRUG13 Datasheet HTML 45Page - Texas Instruments SPRUG13 Datasheet HTML 46Page - Texas Instruments SPRUG13 Datasheet HTML 47Page - Texas Instruments SPRUG13 Datasheet HTML 48Page - Texas Instruments SPRUG13 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
3
Device Configuration
On the C6474 device, certain device configurations (like boot mode, pin multiplexing, and endianness) are
selected at device reset. The status of the peripherals (enabled/disabled) is determined after device reset.
By default, the peripherals on the device are disabled and must be enabled by software before being
used.
3.1
Device Configuration at Device Reset
Table 3-1 describes the C6474 device. The logic level is latched at reset to determine the device
configuration. The logic level can be set by using external pullup/pulldown resistors or by using some
control device to intelligently drive these pins. When using a control device, take care to avoid contention
on the lines when the device is out of reset. The are sampled during power-on reset and are driven after
the reset is removed. To avoid contention, the control device must stop driving the of the DSP.
NOTE
If a configuration pin must be routed out from the device, the internal pullup/pulldown
(IPU/IPD) resistor should not be relied upon; TI recommends the use of an external
pullup/pulldown resistor.
Table 3-1. Device Configuration Pins
CONFIGURATION
DEFAULT IPU/IPD
FUNCTIONAL DESCRIPTION
PIN
BOOTMODE[3:0]
0000b
Boot Mode Selection
LENDIAN
1b
Device Endian Mode
0
Big Endian
1
Little Endian
DEVNUM[3:0]
0000b
Device number
CORECLKSEL
0b
Core Clock Select
0
SYSCLK is shared between the Antenna Interface and the input to PLLCTL1.
1
ALTCORECLK is used as the input to PLLCTL1 and SYSCLK is used only for the
Antenna Interface.
3.2
Peripheral Selection After Device Reset
Several of the peripherals on the C6474 device are controlled by the Power/Sleep Controller (PSC). By
default the AIF, SRIO, TCP, and VCP are held in reset and clock-gated. The memories in these modules
are also in a low-leakage sleep mode. Software will be required to turn these memories on then enable
the modules (turn on clocks and de-assert reset) before these modules can be used.
If one of the above modules is used in the selected boot mode, the ROM code will automatically enable
the used module.
All other modules come up enabled by default and there is no special software sequence to enable.
For more detailed information on the PSC usage, see the TMS320C6474 DSP Power/Sleep Controller
(PSC) User's Guide (literature number SPRUG10).
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Configuration
45
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com