Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 30 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 30 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 26Page - Texas Instruments SPRUG13 Datasheet HTML 27Page - Texas Instruments SPRUG13 Datasheet HTML 28Page - Texas Instruments SPRUG13 Datasheet HTML 29Page - Texas Instruments SPRUG13 Datasheet HTML 30Page - Texas Instruments SPRUG13 Datasheet HTML 31Page - Texas Instruments SPRUG13 Datasheet HTML 32Page - Texas Instruments SPRUG13 Datasheet HTML 33Page - Texas Instruments SPRUG13 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 2-5. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2)
SIGNAL DESCRIPTION
NAME
NO.
GENERAL PURPOSE INPUT/OUTPUT (GPIO)
GP00
T3
I/O/Z
IPD
GP01
U4
I/O/Z
IPD
GP02
V1
I/O/Z
IPD
GP03
U3
I/O/Z
IPD
General Purpose Input/Output
GP04
T4
I/O/Z
IPU
GPIO[3:0] are mapped to BOOTMODE[3:0]
(see Section 2.4.1, Boot Modes Supported)
GP05
V2
I/O/Z
IPD
GPIO4 is mapped to LENDIAN
GP06
V3
I/O/Z
IPD
0 = Big Endian
1 = Little Endian (default)
GP07
Y3
I/O/Z
IPD
GPIO5 is mapped to L2_CONFIG is a reserved bootstrap pin and should be
GP08
Y4
I/O/Z
IPD
pulled up to DVDD18
during bootstrap
GP09
AA2
I/O/Z
IPD
GPIO[7:6] are not multiplexed
GP10
AA3
I/O/Z
IPD
GPIO[11:8] are mapped to DEVNUM[3:0]
(see Section 2.4.1, Boot Modes Supported)
GP11
AB4
I/O/Z
IPD
GPIO[15:12] are not multiplexed
GP12
AB3
I/O/Z
IPD
GP13
AB2
I/O/Z
IPD
GP14
AA4
I/O/Z
IPD
GP15
AC3
I/O/Z
IPD
I2C
SCL
E4
I/O/Z
I2C Clock (open drain)
SDA
D4
I/O/Z
I2C Data (open drain)
MULTICHANNEL BUFFERED SERIAL PORT (McBSP)
CLKS0
D20
I
IPD
McBSP0 Module Clock
CLKR0
B20
I/O/Z
IPD
McBSP0 Receive Clock
CLKX0
C20
I/O/Z
IPD
McBSP0 Transmit Clock
DR0
A20
I
IPD
McBSP0 Receive Data
DX0
D19
O/Z
IPD
McBSP0 Transmit Data
FSR0
B21
I/O/Z
IPD
McBSP0 Receive Frame Sync
FSX0
A21
I/O/Z
IPD
McBSP0 Transmit Frame Sync
CLKS1
A25
I
IPD
McBSP1 Module Clock
CLKR1
A24
I/O/Z
IPD
McBSP1 Receive Clock
CLKX1
C22
I/O/Z
IPD
McBSP1 Transmit Clock
DR1
D21
I
IPD
McBSP1 Receive Data
DX1
B22
O/Z
IPD
McBSP1 Transmit Data
FSR1
C21
I/O/Z
IPD
McBSP1 Receive Frame Sync
FSX1
A22
I/O/Z
IPD
McBSP1 Transmit Frame Sync
MISCELLANEOUS
VCNTL0
G3
O
Voltage Control Outputs to variable core power supply (open-drain buffers)
VCNTL1
G2
O
Note: These pins must be externally pulled up. For more infomation, see the
TMS320C6474 Hardware Design Guide application report (literature number
VCNTL2
H4
O
SPRAAW7).
VCNTL3
H3
O
SERIAL RAPIDIO (SRIO)
RIORXN0
A9
I
RIORXP0
A10
I
Serial RapidIO Receive Data (2 links)
RIORXN1
A13
I
RIORXP1
A12
I
30
Device Overview
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com