Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 74 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 74 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 70Page - Texas Instruments SPRUG13 Datasheet HTML 71Page - Texas Instruments SPRUG13 Datasheet HTML 72Page - Texas Instruments SPRUG13 Datasheet HTML 73Page - Texas Instruments SPRUG13 Datasheet HTML 74Page - Texas Instruments SPRUG13 Datasheet HTML 75Page - Texas Instruments SPRUG13 Datasheet HTML 76Page - Texas Instruments SPRUG13 Datasheet HTML 77Page - Texas Instruments SPRUG13 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
6.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Case Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
1.8-V Single Ended
IO = IOH
DVDD18 - 0.45
I/Os
High-level
VOH
V
output voltage
DDR2
1.4
I2C/VCNTL
0.1 * DVdd18
1.8-V Single Ended
IO = IOL
0.45
I/Os
Low-level output
VOL
V
voltage
DDR2
0.4
I2C/VCNTL
IO = 3 mA, pulled up to 1.8 V
0.4
No IPD/IPU
-5
5
1.8-V Single Ended
Internal pullup
-169
-100
-47
μA
I/Os
Input current
II
(2)
Internal pulldown
49
100
160
[DC]
0.1 * DVDD18 V < VI < 0.9 *
I2C/VCNTL
-20
20
μA
DVDD18 V
EMU[18:00],
-8
GPIO[15:0], TIMO[1:0]
SYSCLKOUT, TDO,
CLKR0, CLKX0, DX0,
FSR0, FSX0, CLKR1,
-6
High-level
CLKX1, DX1, FSR1,
IOH
output current
mA
FSX1
[DC]
RESETSTAT,
SMFRAMECLK, MDIO,
-4
MDCLK
DDR2
4
EMU[18:00],
8
GPIO[15:0], TIM[1:0]
SYSCLKOUT, TDO,
CLKR0, CLKX0, DX0,
FSR0, FSX0, CLKR1,
6
Low-level output CLKX1, DX1, FSR1,
IOL
mA
current [DC]
FSX1
RESETSTAT,
SMFRAMECLK, MDIO,
4
MDCLK
DDR2
-4
Off-state output
1.8-V Single Ended
IOZ
(3)
-20
20
μA
current [DC]
I/Os
(1)
For test conditions shown as MIN, MAX, or TYP, use the appropriate value specified in the recommended operating conditions table.
(2)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
includes input leakage current and off-state (hi-Z) output leakage current.
(3)
IOZ applies to output-only pins, indicating off-state (hi-Z) output leakage current.
74
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com