| Electronic Components Datasheet Search |
|
SPRUG13 Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SPRUG13 Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 214 page ![]() TMS320C6474 SPRS552H – OCTOBER 2008 – REVISED APRIL 2011 www.ti.com 2.7 Terminal Functions The terminal functions table (Table 2-5) identifies the external signal names, the pin type (I, O, O/Z, or I/O/Z), whether the pin has any internal pullup/pulldown resistors, and the signal function description. Table 2-5. Terminal Functions SIGNAL TYPE(1) IPD/IPU(2) SIGNAL DESCRIPTION NAME NO. ANTENNA INTERFACE AIFRXN0 AF22 I AIFRXP0 AF21 I AIFRXN1 AG20 I AIFRXP1 AG21 I AIFRXN2 AG18 I AIFRXP2 AG17 I Antenna Interface Receive Data (6 links) AIFRXN3 AE17 I AIFRXP3 AE18 I AIFRXN4 AE14 I AIFRXP4 AE13 I AIFRXN5 AF12 I AIFRXP5 AF13 I AIFTXN0 AE21 O AIFTXP0 AE22 O AIFTXN1 AD21 O AIFTXP1 AD20 O AIFTXN2 AF16 O AIFTXP2 AF17 O Antenna Interface Transmit Data (6 links) AIFTXN3 AD17 O AIFTXP3 AD16 O AIFTXN4 AG13 O AIFTXP4 AG14 O AIFTXN5 AD13 O AIFTXP5 AD12 O CLOCK/RESETS NMI0 J4 I IPD Non-maskable interrupts. NMI0, NMI1, and NMI2 pins are mapped to C64x+ Megamodule Core 0, C64x+ Megamodule Core 1, and C64x+ Megamodule Core NMI1 J2 I IPD 2, respectively. NMIs are edge-driven (rising edge). Any noise on the NMI pin NMI2 J1 I IPD may trigger an NMI interrupt; therefore, if the NMI pin is not used, it is recommended that the NMI pin be grounded rather than relying on the IPD. XWRST AD5 I Warm Reset RESETSTAT AF4 O Reset Status Output POR AE5 I Power-on Reset SYSCLKP AE9 I System Clock Input to Antenna Interface and main PLL (Main PLL optional vs ALTCORECLK) SYSCLKN AE10 I ALTCORECLKN AF10 I Alternate Core Clock Input to main PLL (vs SYSCLK) ALTCORECLKP AF9 I DDRREFCLKN AD23 I DDR Reference Clock Input to DDR PLL DDRREFCLKP AD24 I System Clock Output to be used as a general purpose output clock for debug SYSCLKOUT AD6 O/Z IPD purposes (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = internal pulldown, IPU = internal pullup. All internal pullups and pulldowns are 100 μA. 26 Device Overview Copyright © 2008–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s) :TMS320C6474 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |