Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 51 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 51 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 47Page - Texas Instruments SPRUG13 Datasheet HTML 48Page - Texas Instruments SPRUG13 Datasheet HTML 49Page - Texas Instruments SPRUG13 Datasheet HTML 50Page - Texas Instruments SPRUG13 Datasheet HTML 51Page - Texas Instruments SPRUG13 Datasheet HTML 52Page - Texas Instruments SPRUG13 Datasheet HTML 53Page - Texas Instruments SPRUG13 Datasheet HTML 54Page - Texas Instruments SPRUG13 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
4
System Interconnect
On the C6474 device, the C64x+ Megamodule, the EDMA3 transfer controllers, and the system
peripherals are interconnected through two switch fabrics. The switch fabrics allow for low-latency,
concurrent data transfers between master peripherals and slave peripherals. Through a switch fabric the
CPU can send data to the Viterbi co-processor (VCP2) without affecting a data transfer through the DDR2
memory controller. The switch fabrics also allow for seamless arbitration between the system masters
when accessing system slaves.
4.1
Internal Buses, Switch Fabrics, and Bridges/Gaskets
Two types of buses exist in the C6474 device: data buses and configuration buses. Some C6474
peripherals have both a data bus and a configuration bus interface, while others only have one type of
interface. Furthermore, the bus interface width and speed varies from peripheral to peripheral.
Configuration buses are mainly used to access the register space of a peripheral and the data buses are
used mainly for data transfers. However, in some cases, the configuration bus is also used to transfer
data. For example, data is transferred to the VCP2 and TCP2 via their configuration bus interface.
Similarly, the data bus can also be used to access the register space of a peripheral. For example, the
DDR2 memory controller registers are accessed through their data bus interface.
The C64x+ megamodule, the EDMA3 transfer controllers, and the various system peripherals can be
classified into two categories: masters and slaves. Masters are capable of initiating read and write
transfers in the system and do not rely on the EDMA3 for their data transfers. Slaves on the other hand
rely on the EDMA3 to perform transfers to and from them. Examples of masters include the EDMA3
transfer controllers, SRIO, and EMAC. Examples of slaves include the McBSP and I2C.
The C6474 device contains two switch fabrics through which masters and slaves communicate. The data
switch fabric, known as the data switched central resource (SCR), is a high-throughput interconnect
mainly used to move data across the system (for more information, see Section 4.3). The SCR adds no
latency and allows seamless arbitration (i.e., no dead cycles inserted by the fabric) between the masters
and slaves. The data SCR connects masters to slaves via 128-bit data buses (SCR B) and 64-bit data
buses (SCR A) running at a CPU/3 frequency (CPU/3 is generated from PLL1 controller). Peripherals that
have a 128-bit data bus interface running at this speed can connect directly to the data SCR; other
peripherals require a bridge.
The configuration switch fabric, also known as the configuration switch central resource (SCR) is mainly
used by the C64x+ Megamodule to access peripheral registers (for more information, see Section 4.4).
The configuration SCR connects C64x+ Megamodule to slaves via 32-bit configuration buses running at a
CPU/3 frequency (CPU/3 is generated from PLL1 controller). As with the data SCR, some peripherals
require the use of a bridge to interface to the configuration SCR. Note that the data SCR also connects to
the configuration SCR.
Bridges and gaskets are required to perform a variety of functions. For the purpose of this document,
bridges and gaskets can be considered as identical. Within the switch fabric infrastructure, gaskets are
simpler than bridges in that they only modify control signals to convert protocols. Bridges perform a variety
of functions:
•
Conversion between configuration bus and data bus.
•
Width conversion between peripheral bus width and SCR bus width.
•
Frequency conversion between peripheral bus frequency and SCR bus frequency.
For more information on the common bus architecture and its throughput in the C6474 device, see the
TMS320C6474 Common Bus Architecture Throughput application report (literature number SPRAAX6)
and the TMS320C6474 Module Throughput application report (literature number SPRAAW5).
Copyright
© 2008–2011, Texas Instruments Incorporated
System Interconnect
51
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com