Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 64 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 64 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 60Page - Texas Instruments SPRUG13 Datasheet HTML 61Page - Texas Instruments SPRUG13 Datasheet HTML 62Page - Texas Instruments SPRUG13 Datasheet HTML 63Page - Texas Instruments SPRUG13 Datasheet HTML 64Page - Texas Instruments SPRUG13 Datasheet HTML 65Page - Texas Instruments SPRUG13 Datasheet HTML 66Page - Texas Instruments SPRUG13 Datasheet HTML 67Page - Texas Instruments SPRUG13 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 5-7. Megamodule Revision ID Register (MM_REVID) Field Descriptions
BIT
FIELD
VALUE
DESCRIPTION
31:16
VERSION
3H
Version of the C64x+ Megamodule implemented on the device. This field is always read as 3h.
15:0
REVISION
Revision of the C64x+ Megamodule version implemented on the device. The C64x+ Megamodule
revision is dependent on the silicon revision being used.
5.8
C64X+ Megamodule Register Description(s)
In some applications, some specific addresses may need to be read from their physical locations each
time they are accessed (e.g., a status register within FPGA).
The L2 controller offers registers that control whether certain ranges of memory are cacheable and
whether one or more requestors are actually permitted to access these ranges. The registers are referred
to as memory attribute registers (MARs). A list of MARs is provided in Table 5-12.
Table 5-8. Megamodule Interrupt Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0180 0000
EVTFLAG0
Event Flag Register 0 (Events [31:0])
0180 0004
EVTFLAG1
Event Flag Register 1
0180 0008
EVTFLAG2
Event Flag Register 2
0180 000C
EVTFLAG3
Event Flag Register 3
0180 0010 - 0180 001C
-
Reserved
0180 0020
EVTSET0
Event Set Register 0 (Events [31:0])
0180 0024
EVTSET1
Event Set Register 1
0180 0028
EVTSET2
Event Set Register 2
0180 002C
EVTSET3
Event Set Register 3
0180 0030 - 0180 003C
-
Reserved
0180 0040
EVTCLR0
Event Clear Register 0 (Events [31:0])
0180 0044
EVTCLR1
Event Clear Register 1
0180 0048
EVTCLR2
Event Clear Register 2
0180 004C
EVTCLR3
Event Clear Register 3
0180 0050 - 0180 007C
-
Reserved
0180 0080
EVTMASK0
Event Mask Register 0 (Events [31:0])
0180 0084
EVTMASK1
Event Mask Register 1
0180 0088
EVTMASK2
Event Mask Register 2
0180 008C
EVTMASK3
Event Mask Register 3
0180 0090 - 0180 009C
-
Reserved
0180 00A0
MEVFLAG0
Masked Event Flag Status Register 0 (Events [31:0])
0180 00A4
MEVFLAG1
Masked Event Flag Status Register 1
0180 00A8
MEVFLAG2
Masked Event Flag Status Register 2
0180 00AC
MEVFLAG3
Masked Event Flag Status Register 3
0180 00B0 - 0180 00BC
-
Reserved
0180 00C0
EXPMASK0
Exception Mask Register 0 (Events [31:0])
0180 00C4
EXPMASK1
Exception Mask Register 1
0180 00C8
EXPMASK2
Exception Mask Register 2
0180 00CC
EXPMASK3
Exception Mask Register 3
0180 00D0 - 0180 00DC
-
Reserved
0180 00E0
MEXPFLAG0
Masked Exception Flag Register 0(Events [31:0])
0180 00E4
MEXPFLAG1
Masked Exception Flag Register 1
0180 00E8
MEXPFLAG2
Masked Exception Flag Register 2
0180 00EC
MEXPFLAG3
Masked Exception Flag Register 3
64
C64x+ Megamodule
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com