Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 1 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 1 Page - Texas Instruments

  SPRUG13 Datasheet HTML 1Page - Texas Instruments SPRUG13 Datasheet HTML 2Page - Texas Instruments SPRUG13 Datasheet HTML 3Page - Texas Instruments SPRUG13 Datasheet HTML 4Page - Texas Instruments SPRUG13 Datasheet HTML 5Page - Texas Instruments SPRUG13 Datasheet HTML 6Page - Texas Instruments SPRUG13 Datasheet HTML 7Page - Texas Instruments SPRUG13 Datasheet HTML 8Page - Texas Instruments SPRUG13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
TMS320C6474 Multicore Digital Signal Processor
1
Features
12
•
1.2-GHz Device: -40
°C to 95°C(1)
• Key Features
•
1-GHz Device: -40
°C to 100°C
– High-Performance Multicore DSP (C6474)
• 3 TMS320C64x+™ DSP Cores
– Instruction Cycle Time: 0.83 ns (1.2-GHz
Device); 1 ns (1-GHz Device); 1.18 ns
– Dedicated SPLOOP Instructions
(850-MHz Device)
– Compact Instructions (16-Bit)
– Clock Rate: 1 GHz to 1.2 GHz (1.2-GHz
– Exception Handling
Device); 1 GHz (1-GHz Device); 850 MHz
• TMS320C64x+ Megamodule L1 Memory
(850-MHz Device)
Architecture
– Commercial Temperature and Extended
– 256 K-Bit (32 K-Byte) L1P Program Cache
Temperature
[Direct Mapped]
– 3 TMS320C64x+™ DSP Cores; Six RSAs for
– 256 K-Bit (32 K-Byte) L1D Data Cache
CDMA Processing (2 per core)
[2-Way Set-Associative]
– Enhanced VCP2/TCP2
– 512 K-Bit (64 K-Byte) L3 ROM
– Frame Synchronization Interface
• Enhanced VCP2
– 16-/32-Bit DDR2-667 Memory Controller
– Supports Over 694 7.95-Kbps AMR
– EDMA3 Controller
• Enhanced Turbo Decoder Coprocessor (TCP2)
– Antenna Interface
– Supports up to Eight 2-Mbps 3 GPP
– Two 1x Serial RapidIO® Links, v1.2
(6 Iterations)
Compliant
• Endianness: Little Endian, Big Endian
– One 1.8-V Inter-Integrated Circuit (I2C) Bus
• Frame Synchronization Interface
– Two 1.8-V McBSPs
– Time Alignment Between Internal
– 1000 Mbps Ethernet MAC (EMAC)
Subsystems, External Devices/System
– Six 64-Bit General-Purpose Timers
– OBSAI RP1 Compliant for Frame Burst Data
– 16 General-Purpose I/O (GPIO) Pins
– Alternate Interfaces for non-RP1 and
– Internal Semaphore Module
non-UMTS Systems
– System PLL and PLL Controller/DDR PLL
• 16-/32-Bit DDR2-667 Memory Controller
and PLL Controller, Dedicated to DDR2
• EDMA3 Controller (64 Independent Channels)
Memory Controller
• Antenna Interface
• High-Performance Multicore DSP (C6474)
– 6 Configurable Links (Full Duplex)
– Instruction Cycle Time:
– Supports OBSAI RP3 Protocol, v1.0:
•
1.2-GHz Device: 0.83-ns
768-Mbps, 1.536-, 3.072-Gbps Link Rates
•
1-GHz Device: 1-ns
– Supports CPRI Protocol V2.0: 614.4-Mbps,
•
850-MHz Device: 1.18 ns
1.2288-, 2.4576-Gbps Link Rates
– Clock Rate:
– Clock Input Independent or Shared with CPU
(Selectable at Boot-Time)
•
1.2-GHz Device: 1 GHz to 1.2 GHz
• Two 1x Serial RapidIO® Links, v1.2 Compliant
•
1-GHz Device: 1 GHz
– 1.25-, 2.5-, 3.125-Gbps Link Rates
•
850-MHz Device: 850 MHz
– Message Passing and DirectIO Support
– Eight 32-Bit Instructions/Cycle
– Error Management Extensions and
– Commercial Temperature:
Congestion Control
•
1.2-GHz Device: 0
°C to 95°C
• One 1.8-V Inter-Integrated Circuit (I2C) Bus
•
850-MHZ and 1-GHz Device: 0
°C to 100°C
• Two 1.8-V McBSPs
– Extended Temperature:
(1)
Note: Advance Information is presented in this document for
the C6474 1.2-GHz extended temperature device.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SPRUG13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPRUGM2A TI1-SPRUGM2A Datasheet
388Kb / 5P
Peripheral Explorer Kit Overview
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
Technical Reference Manual
More results

Similar Description - SPRUG13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6474 TI-TMS320C6474 Datasheet
2Mb / 204P
Multicore Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608 Datasheet
2Mb / 230P
Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6474 TI1-TMS320C6474_13 Datasheet
1Mb / 214P
TMS320C6474 Multicore Digital Signal Processor
TMS320C6474 TI1-TMS320C6474_14 Datasheet
1Mb / 215P
Multicore Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6474 TI1-TMS320C6474_16 Datasheet
1Mb / 215P
TMS320C6474 Multicore Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com