Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 70 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 70 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 66Page - Texas Instruments SPRUG13 Datasheet HTML 67Page - Texas Instruments SPRUG13 Datasheet HTML 68Page - Texas Instruments SPRUG13 Datasheet HTML 69Page - Texas Instruments SPRUG13 Datasheet HTML 70Page - Texas Instruments SPRUG13 Datasheet HTML 71Page - Texas Instruments SPRUG13 Datasheet HTML 72Page - Texas Instruments SPRUG13 Datasheet HTML 73Page - Texas Instruments SPRUG13 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 5-14. Megamodule L1/L2 Memory Protection Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0184 A64C
L1PMPPA19
L1P Memory Protection Page Attribute Register 19
0184 A650
L1PMPPA20
L1P Memory Protection Page Attribute Register 20
0184 A654
L1PMPPA21
L1P Memory Protection Page Attribute Register 21
0184 A658
L1PMPPA22
L1P Memory Protection Page Attribute Register 22
0184 A65C
L1PMPPA23
L1P Memory Protection Page Attribute Register 23
0184 A660
L1PMPPA24
L1P Memory Protection Page Attribute Register 24
0184 A664
L1PMPPA25
L1P Memory Protection Page Attribute Register 25
0184 A668
L1PMPPA26
L1P Memory Protection Page Attribute Register 26
0184 A66C
L1PMPPA27
L1P Memory Protection Page Attribute Register 27
0184 A670
L1PMPPA28
L1P Memory Protection Page Attribute Register 28
0184 A674
L1PMPPA29
L1P Memory Protection Page Attribute Register 29
0184 A678
L1PMPPA30
L1P Memory Protection Page Attribute Register 30
0184 A67C
L1PMPPA31
L1P Memory Protection Page Attribute Register 31
0184 A680 - 0184 ABFF
-
Reserved
0184 AC00
L1DMPFAR
L1 Data (L1D) Memory Protection Fault Address Register
0184 AC04
L1DMPFSR
L1D Memory Protection Fault Status Register
0184 AC08
L1DMPFCR
L1D Memory Protection Fault Command Register
0184 AC0C - 0184 ACFF
-
Reserved
0184 AD00
L1DMPLK0
L1D Memory Protection Lock Key Bits [31:0]
0184 AD04
L1DMPLK1
L1D Memory Protection Lock Key Bits [63:32]
0184 AD08
L1DMPLK2
L1D Memory Protection Lock Key Bits [95:64]
0184 AD0C
L1DMPLK3
L1D Memory Protection Lock Key Bits [127:96]
0184 AD10
L1DMPLKCMD
L1D Memory Protection Lock Key Command Register
0184 AD14
L1DMPLKSTAT
L1D Memory Protection Lock Key Status Register
0184 AD18 - 0184 ADFF
-
Reserved
0184 AE00 - 0184 AE3C(3)
-
Reserved
0184 AE40
L1DMPPA16
L1D Memory Protection Page Attribute Register 16
0184 AE44
L1DMPPA17
L1D Memory Protection Page Attribute Register 17
0184 AE48
L1DMPPA18
L1D Memory Protection Page Attribute Register 18
0184 AE4C
L1DMPPA19
L1D Memory Protection Page Attribute Register 19
0184 AE50
L1DMPPA20
L1D Memory Protection Page Attribute Register 20
0184 AE54
L1DMPPA21
L1D Memory Protection Page Attribute Register 21
0184 AE58
L1DMPPA22
L1D Memory Protection Page Attribute Register 22
0184 AE5C
L1DMPPA23
L1D Memory Protection Page Attribute Register 23
0184 AE60
L1DMPPA24
L1D Memory Protection Page Attribute Register 24
0184 AE64
L1DMPPA25
L1D Memory Protection Page Attribute Register 25
0184 AE68
L1DMPPA26
L1D Memory Protection Page Attribute Register 26
0184 AE6C
L1DMPPA27
L1D Memory Protection Page Attribute Register 27
0184 AE70
L1DMPPA28
L1D Memory Protection Page Attribute Register 28
0184 AE74
L1DMPPA29
L1D Memory Protection Page Attribute Register 29
0184 AE78
L1DMPPA30
L1D Memory Protection Page Attribute Register 30
0184 AE7C
L1DMPPA31
L1D Memory Protection Page Attribute Register 31
0184 AE80 - 0185 FFFF
-
Reserved
(3)
These addresses correspond to the L1D memory protection page attribute registers 0-15 (L1DMPPA0-L1DMPPA15) of the C64x+
megamodule. These registers are not supported for the C6474 device. The default value after the device reset for registers L1DMPPA16
to L1DMPPA31 is 0x0000 FFF6.
70
C64x+ Megamodule
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com