Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 15 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 11Page - Texas Instruments SPRUG13 Datasheet HTML 12Page - Texas Instruments SPRUG13 Datasheet HTML 13Page - Texas Instruments SPRUG13 Datasheet HTML 14Page - Texas Instruments SPRUG13 Datasheet HTML 15Page - Texas Instruments SPRUG13 Datasheet HTML 16Page - Texas Instruments SPRUG13 Datasheet HTML 17Page - Texas Instruments SPRUG13 Datasheet HTML 18Page - Texas Instruments SPRUG13 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
HEX ADDRESS RANGE
MEMORY BLOCK DESCRIPTION
SIZE
START
END
C64x+ MEGAMODULE CORE 0
C64x+ MEGAMODULE CORE 1
C64x+ MEGAMODULE CORE 2
6000 0000
603F FFFF
4M
Reserved
6040 0000
6FFF FFFF
252M
Reserved
7000 0000
7000 00FF
256
DDR2 EMIF Configuration
7000 0100
7FFF FFFF
256M - 256
Reserved
8000 0000
9FFF FFFF
512M
DDR2 EMIF Data
A000 0000
AFFF FFFF
256M
AIF Data
B000 0000
BFFF FFFF
256m
Reserved
C000 0000
CFFF FFFF
256m
Reserved
D000 0000
DFFF FFFF
256m
Reserved
E000 0000
EFFF FFFF
256m
Reserved
F000 0000
FFFF FFFF
256m
Reserved
2.4
Boot Sequence
The boot sequence is a process by which the DSP's internal memory is loaded with program and data
sections. The DSP's internal registers are programmed with predetermined values. The boot sequence is
started automatically after each power-on reset, warm reset, and system reset. A local reset to an
individual C64x+ Megamodule should not affect the state of the hardware boot controller on the device.
For more details on the initiators of the resets, see Section 7.7, Reset Controller.
The C6474 device supports several boot processes begins execution at the ROM base address, which
contains the bootloader code necessary to support various device boot modes. The boot processes are
software driven; using the BOOTMODE[3:0] device configuration inputs to determine the software
configuration that must be completed.
2.4.1
Boot Modes Supported
The device supports several boot processes, which leverage the internal boot ROM. Most boot processes
are software driven, using the BOOTMODE[3:0] device configuration inputs to determine the software
configuration that must be completed. From a hardware perspective, there are three possible boot modes:
•
No Boot (BOOTMODE[3:0] = 0000b)
With no boot, the CPU executes directly from the internal L2 RAM located at address 0x80 0000.
Note: Device operations are undefined if invalid code is located at address 0x80 0000. This boot mode
is a hardware boot mode.
•
Public ROM Boot
The C64x+ Megamodule Core 0 is released from reset and begins executing from the L3 ROM base
address. C64x+ Megamodule Core 0 is responsible for performing the boot process (e.g., from I2C
ROM, Ethernet, or RapidIO), after which C64x+ Megamodule Core 0 brings the other C64x+
megamodule cores out of reset by setting to 1 the EVTPULSE4 bit (bit 4) of the C64x+ Megamodule
Core 0's EVTASRT register. This process is valid only once: writing 1, then writing 1 again will not
bring Core 1 and 2 out of reset again. Then, the C64x+ Megamodule Core 0 begins execution from the
entry address defined in the boot table. The C64x+ Megamodule Core 1 and 2 begin execution from
their L2 RAMs' base address.
The boot process performed by C64x+ Megamodule Core 0 in public ROM boot is determined by the
BOOTMODE[3:0] value in the DEVSTAT register. C64x+ Megamodule Core 0 reads this value, and then
executes the associated boot process in software.
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Overview
15
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com