Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 2 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 2 Page - Texas Instruments

  SPRUG13 Datasheet HTML 1Page - Texas Instruments SPRUG13 Datasheet HTML 2Page - Texas Instruments SPRUG13 Datasheet HTML 3Page - Texas Instruments SPRUG13 Datasheet HTML 4Page - Texas Instruments SPRUG13 Datasheet HTML 5Page - Texas Instruments SPRUG13 Datasheet HTML 6Page - Texas Instruments SPRUG13 Datasheet HTML 7Page - Texas Instruments SPRUG13 Datasheet HTML 8Page - Texas Instruments SPRUG13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 214 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
AG
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
• 1000 Mbps Ethernet MAC (EMAC)
– 32 General Purpose Semaphore Resources
– IEEE 802.3 Compliant
• System PLL and PLL Controller
– Supports SGMII, v1.8 Compliant
• DDR PLL and PLL Controller, Dedicated to
DDR2 Memory Controller
– 8 Independent Transmit (TX) and 8
Independent Receive (RX) Channels
• IEEE-1149.1 and IEEE-1149.6 (JTAG™)
Boundary-Scan-Compatible
• Six 64-Bit General-Purpose Timers
• 561-Pin Ball Grid Array (BGA) Packages (CUN,
– Configurable up to Twelve 32-Bit Timers
GUN, or ZUN Suffix), 0.8-mm Ball Pitch
– Configurable in a Watchdog Timer mode
• 0.065-μm/7-Level Cu Metal Process (CMOS)
• 16 General-Purpose I/O (GPIO) Pins
• SmartReflex™ Class 0 - 0.9-V to 1.2-V Adaptive
• Internal Semaphore Module
Core Voltage
– Software Method to Control Access to
• 1.8-V, 1.1-V I/Os
Shared Resources
1.1
CUN/GUN/ZUN BGA Package (Bottom View)
The devices are designed for a package temperature range of 0
°C to 100°C (commercial temperature
range; 1-GHz device), -40
°C to 100°C (extended temperature range; 1-GHz device), 0°C to 95°C
(commercial temperature range; 850-MHz and 1.2-GHz device), and -40
°C to 95°C (extended temperature
range; 1.2-GHz device). A heatsink is required so that this range is not exceeded.
NOTE
Advance Information is presented in this document for the C6474 1.2-GHz extended
temperature device.
Figure 1-1. CUN/GUN/ZUN 561-Pin BGA Package (Bottom View)
2
Features
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com