Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 138 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 138 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 134Page - Texas Instruments SPRUG13 Datasheet HTML 135Page - Texas Instruments SPRUG13 Datasheet HTML 136Page - Texas Instruments SPRUG13 Datasheet HTML 137Page - Texas Instruments SPRUG13 Datasheet HTML 138Page - Texas Instruments SPRUG13 Datasheet HTML 139Page - Texas Instruments SPRUG13 Datasheet HTML 140Page - Texas Instruments SPRUG13 Datasheet HTML 141Page - Texas Instruments SPRUG13 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.11.3 I2C Electrical Data/Timing
Table 7-40. Timing Requirements for I2C Timings(1)
(see Figure 7-25)
NO.
STANDARD MODE
FAST MODE
UNIT
MIN
MAX
MIN
MAX
1
tc(SCL)
Cycle time, SCL
10
2.5
μs
2
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a
4.7
0.6
μs
repeated START condition)
3
th(SCLL-SDAL)
Hold time, SCL low after SDA low (for a
4
0.6
μs
START and a repeated START condition)
4
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
μs
5
tw(SCLH)
Pulse duration, SCL high
4
0.6
μs
6
tsu(SDAV-SDLH)
Setup time, SDA valid before SCL high
250
100(2)
μs
7
th(SDA-SDLL)
Hold time, SDA valid after SCL low (for I2C
0(3)
0
0.9(4)
μs
bus
™ devices)
8
tw(SDAH)
Pulse duration, SDA high between STOP and
4.7
1.3
μs
START conditions.
9
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb
300
ns
10
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb
300
ns
11
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb
300
ns
12
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb
300
ns
13
tsu(SCLH-SDAH)
Setup time, SCL high before SDA high (for
4
0.6
μs
STOP condition)
14
tw(SP)
Pulse duration, spike (must be suppressed)
0
50
ns
15
Cb
(5)
Capacitive load for each bus line
400
400
pF
(1)
The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the device is powered
down.
(2)
A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the requirement, tsu(SDA-SCLH)≥ 250 ns, must then be
met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch
the LOW period of the SCL signal, it must output the next data bit to the SDA line, Tr max + Tsu(SDA-SCLH) = 1000 + 250 + 1250 ns
(according to the standard-mode I2C-bus specification), before the SCL line is released.
(3)
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(4)
The maximum, th(SDA-SCLL), has only to be met if the device does not stretch the low period, tw(SCLL), of the SCL signal.
(5)
Cb = total capacitance of one bus line, in pF. If mixed with HS-mode devices, faster fall-times are allowed.
Figure 7-25. I2C Receive Timings
138
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com