Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 150 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 150 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 146Page - Texas Instruments SPRUG13 Datasheet HTML 147Page - Texas Instruments SPRUG13 Datasheet HTML 148Page - Texas Instruments SPRUG13 Datasheet HTML 149Page - Texas Instruments SPRUG13 Datasheet HTML 150Page - Texas Instruments SPRUG13 Datasheet HTML 151Page - Texas Instruments SPRUG13 Datasheet HTML 152Page - Texas Instruments SPRUG13 Datasheet HTML 153Page - Texas Instruments SPRUG13 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.13.2 EMAC Peripheral Register Descriptions
The memory maps of the EMAC are shown in Table 7-55 to Table 7-57.
Table 7-55. Ethernet MAC (EMAC) Control Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
02C8 0000
TXIDVER
Transmit Identification and Version Register
02C8 0004
TXCONTROL
Transmit Control Register
02C8 0008
TXTEARDOWN
Transmit Teardown register
02C8 000F
-
Reserved
02C8 0010
RXIDVER
Receive Identification and Version Register
02C8 0014
RXCONTROL
Receive Control Register
02C8 0018
RXTEARDOWN
Receive Teardown Register
02C8 001C
-
Reserved
02C8 0020 - 02C8 007C
-
Reserved
02C8 0080
TXINTSTATRAW
Transmit Interrupt Status (Unmasked) Register
02C8 0084
TXINTSTATMASKED
Transmit Interrupt Status (Masked) Register
02C8 0088
TXINTMASKSET
Transmit Interrupt Mask Set Register
02C8 008C
TXINTMASKCLEAR
Transmit Interrupt Mask Clear Register
02C8 0090
MACINVECTOR
MAC Input Vector Register
02C8 0094
MACE0IVECTOR
MAC End of Interrupt Vector Register
02C8 0098 - 02C8 019C
-
Reserved
02C8 00A0
RXINTSTATRAW
Receive Interrupt Status (Unmasked) Register
02C8 00A4
RXINTSTATMASKED
Receive Interrupt Status (Masked) Register
02C8 00A8
RXINTMASKSET
Receive Interrupt Mask Set Register
02C8 00AC
RXINTMASKCLEAR
Receive Interrupt Mask Clear Register
02C8 00B0
MACINTSTATRAW
MAC Interrupt Status (Unmasked) Register
02C8 00B4
MACINTSTATMASKED
MAC Interrupt Status (Masked) Register
02C8 00B8
MACINTMASKSET
MAC Interrupt Mask Set Register
02C8 00BC
MACINTMASKCLEAR
MAC Interrupt Mask Clear Register
02C8 00C0 - 02C8 00FC
-
Reserved
02C8 0100
RXMBPENABLE
Receive Multicast/Broadcast/Promiscuous Channel Enable Register
02C8 0104
RXUNICASTSET
Receive Unicast Enable Set Register
02C8 0108
RXUNICASTCLEAR
Receive Unicast Clear Register
02C8 010C
RXMAXLEN
Receive Maximum Length Register
02C8 0110
RXBUFFEROFFSET
Receive Buffer Offset Register
02C8 0114
RXFILTERLOWTHRESH
Receive Filter Low Priority Frame Threshold Register
02C8 0118 - 02C8 011C
-
Reserved
02C8 0120
RX0FLOWTHRESH
Receive Channel 0 Flow Control Threshold Register
02C8 0124
RX1FLOWTHRESH
Receive Channel 1 Flow Control Threshold Register
02C8 0128
RX2FLOWTHRESH
Receive Channel 2 Flow Control Threshold Register
02C8 012C
RX3FLOWTHRESH
Receive Channel 3 Flow Control Threshold Register
02C8 0130
RX4FLOWTHRESH
Receive Channel 4 Flow Control Threshold Register
02C8 0134
RX5FLOWTHRESH
Receive Channel 5 Flow Control Threshold Register
02C8 0138
RX6FLOWTHRESH
Receive Channel 6 Flow Control Threshold Register
02C8 013C
RX7FLOWTHRESH
Receive Channel 7 Flow Control Threshold Register
02C8 0140
RX0FREEBUFFER
Receive Channel 0 Free Buffer Count Register
02C8 0144
RX1FREEBUFFER
Receive Channel 1 Free Buffer Count Register
02C8 0148
RX2FREEBUFFER
Receive Channel 2 Free Buffer Count Register
02C8 014C
RX3FREEBUFFER
Receive Channel 3 Free Buffer Count Register
150
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com