Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 156 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 156 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 152Page - Texas Instruments SPRUG13 Datasheet HTML 153Page - Texas Instruments SPRUG13 Datasheet HTML 154Page - Texas Instruments SPRUG13 Datasheet HTML 155Page - Texas Instruments SPRUG13 Datasheet HTML 156Page - Texas Instruments SPRUG13 Datasheet HTML 157Page - Texas Instruments SPRUG13 Datasheet HTML 158Page - Texas Instruments SPRUG13 Datasheet HTML 159Page - Texas Instruments SPRUG13 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 214 page
background image
2
1
3
4
4
SRIOSGMIIREFCLK(N|P)
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.13.3 EMAC Electrical Data/Timing (SGMII)
The TMS320C6474 Hardware Design Guide application report (literature number SPRAAW7) specifies a
complete EMAC anc SGMII interface solutions for the C6474 device as well as a list of compatible EMAC
and SGMII devices. TI has performed the simulation and system characterization to ensure all EMAC and
SGMII interface timings in this solution are met.
TI only supports designs that follow the board design guidelines outlined in the SPRAAW7
application report.
Table 7-60. Timing Requirements for SRIOSGMIIREFCLK(N|P)(1)
(see Figure 7-35)
NO.
PARAMETERS
MIN
MAX
UNIT
1
tc(SRIOSGMIIREFCLK)
Cycle time, SRIOSGMIIREFCLK(N|P)
3.2
8
ns
2
tw(CLKH)
Pulse duration, CLK(N|P) high
0.4C
ns
3
tw(CLKL)
Pulse duration, CLK(N|P) low
0.4C
ns
4
tt(CLK)
Transition time, CLK(N|P)
50
1300
ps
5
tj(CLK)
Period Jitter (RMS), CLK(N|P)
4
ps
(1)
C=1/SRIOSGMIIREFCLK(N|P)
Figure 7-35. SRIOSGMIIREFCLK(N|P) Timing
156
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com