Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 163 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 163 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 159Page - Texas Instruments SPRUG13 Datasheet HTML 160Page - Texas Instruments SPRUG13 Datasheet HTML 161Page - Texas Instruments SPRUG13 Datasheet HTML 162Page - Texas Instruments SPRUG13 Datasheet HTML 163Page - Texas Instruments SPRUG13 Datasheet HTML 164Page - Texas Instruments SPRUG13 Datasheet HTML 165Page - Texas Instruments SPRUG13 Datasheet HTML 166Page - Texas Instruments SPRUG13 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.15.1.1.2 Timer Output Selection Register (TOUTPSEL)
The timer output selection is handled in the Timer output selection register (TOUTPSEL). The TOUTPSEL
register is shown in Figure 7-40 and described in Table 7-66.
31
16
Reserved
R-000000000000000000000000
15
8
7
4
3
0
Reserved
TOUTPSEL1
TOUTPSEL0
R-000000000000000000000000
R/W-0001
R/W-0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-40. Timer Output Selection Register (TOUTPSEL)
Table 7-66. Timer Output Selection Register (TOUTPSEL) Field Descriptions
Bit
Field
Value
Description
31:8
Reserved
Reserved
7:4
TOUTPSEL1
Output Select for TIMI1
0000
TOUTL0
0001
TOUTH0
0010
TOUTL1
0011
TOUTH1
0100
TOUTL2
0101
TOUTH2
0110
TOUTL3
0111
TOUTH3
1000
TOUTL4
1001
TOUTH5
1010
TOUTL5
1011
TOUTH5
Other
Reserved
3:0
TOUTPSEL0
Output Select for TIMO0
0000
TOUTL0
0001
TOUTH0
0010
TOUTL1
0011
TOUTH1
0100
TOUTL2
0101
TOUTH2
0110
TOUTL3
0111
TOUTH3
1000
TOUTL4
1001
TOUTH5
1010
TOUTL5
1011
TOUTH5
Other
Reserved
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
163
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com