Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 169 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 169 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 165Page - Texas Instruments SPRUG13 Datasheet HTML 166Page - Texas Instruments SPRUG13 Datasheet HTML 167Page - Texas Instruments SPRUG13 Datasheet HTML 168Page - Texas Instruments SPRUG13 Datasheet HTML 169Page - Texas Instruments SPRUG13 Datasheet HTML 170Page - Texas Instruments SPRUG13 Datasheet HTML 171Page - Texas Instruments SPRUG13 Datasheet HTML 172Page - Texas Instruments SPRUG13 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.16.2 VCP2 Peripheral Register Description(s)
Table 7-77. VCP2 Registers
EDMA BUS HEX ADDRESS RANGE
CONFIGURATION BUS HEX
ACRONYM
REGISTER NAME
ADDRESS RANGE
5800 0000
-
VCPIC0
VCP2 input configuration Register 0
5800 0004
-
VCPIC1
VCP2 input configuration Register 1
5800 0008
-
VCPIC2
VCP2 input configuration Register 2
5800 000C
-
VCPIC3
VCP2 input configuration Register 3
5800 0010
-
VCPIC4
VCP2 input configuration Register 4
5800 0014
-
VCPIC5
VCP2 Input Configuration Register 5
5800 0018 - 5800 0044
-
-
Reserved
5800 0048
-
VCPOUT0
VCP2 output Register 0
5800 004C
-
VCPOUT1
VCP2 output Register 1
5800 0050 - 5800 007C
-
-
Reserved
5800 0080
N/A
VCPWBM
VCP2 branch metrics write FIFO
Register
5800 0084 - 5800 009C
-
-
Reserved
5800 00C0
N/A
VCPRDECS
VCP2 decisions read FIFO Register
N/A
02B8 0018
VCPEXE
VCP2 execution Register
N/A
02B8 0020
VCPEND
VCP2 Endian mode Register
N/A
02B8 0040
VCPSTAT0
VCP2 Status Register 0
N/A
02B8 0044
VCPSTAT1
VCP2 Status Register 1
N/A
02B8 0050
VCPERR
VCP2 error Register
-
-
-
Reserved
N/A
02B8 0060
VCPEMU
VCP2 emulation control Register
N/A
02B8 0064 - 02B9 FFFF
-
Reserved
5800 1000
-
BM
Branch metrics
5800 2000
-
SM
State metric
5800 3000
-
TBHD
Traceback hard decision
5800 6000
-
TBSD
Traceback soft decision
5800 F000
-
IO
Decoded bits
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
169
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com