Electronic Components Datasheet Search
  English  ▼

X  

SPRUG13 Datasheet(PDF) 209 Page - Texas Instruments

Part # SPRUG13
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG13 Datasheet(HTML) 209 Page - Texas Instruments

Back Button SPRUG13 Datasheet HTML 205Page - Texas Instruments SPRUG13 Datasheet HTML 206Page - Texas Instruments SPRUG13 Datasheet HTML 207Page - Texas Instruments SPRUG13 Datasheet HTML 208Page - Texas Instruments SPRUG13 Datasheet HTML 209Page - Texas Instruments SPRUG13 Datasheet HTML 210Page - Texas Instruments SPRUG13 Datasheet HTML 211Page - Texas Instruments SPRUG13 Datasheet HTML 212Page - Texas Instruments SPRUG13 Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 214 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Dec-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TMS320C6474FGUN
ACTIVE
FCBGA
GUN
561
60
TBD
SNPB
Level-4-220C-72 HR
TMS320C6474FGUN2
ACTIVE
FCBGA
GUN
561
60
TBD
SNPB
Level-4-220C-72 HR
TMS320C6474FGUNA
ACTIVE
FCBGA
GUN
561
60
TBD
Call TI
Call TI
TMS320C6474FZUN
NRND
FCBGA
ZUN
561
60
TBD
Call TI
Call TI
TMS320C6474FZUN2
NRND
FCBGA
ZUN
561
60
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-245C-72HR
TMS320C6474FZUN8
NRND
FCBGA
ZUN
561
60
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-245C-72HR
TMS320C6474FZUNA
NRND
FCBGA
ZUN
561
1
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-245C-72HR
TMS320C6474FZUNA2
NRND
FCBGA
ZUN
561
60
Pb-Free (RoHS
Exempt)
SNAGCU
Level-4-245C-72HR
TMS320C6474GUN
OBSOLETE
FCBGA
GUN
561
TBD
Call TI
Call TI
TMS320C6474ZUN
OBSOLETE
FCBGA
ZUN
561
TBD
Call TI
Call TI
TMX320C6474GUN
OBSOLETE
FCBGA
GUN
561
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com