Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 41 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 41 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 37Page - Texas Instruments SPRUG18 Datasheet HTML 38Page - Texas Instruments SPRUG18 Datasheet HTML 39Page - Texas Instruments SPRUG18 Datasheet HTML 40Page - Texas Instruments SPRUG18 Datasheet HTML 41Page - Texas Instruments SPRUG18 Datasheet HTML 42Page - Texas Instruments SPRUG18 Datasheet HTML 43Page - Texas Instruments SPRUG18 Datasheet HTML 44Page - Texas Instruments SPRUG18 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
2.8
Development and Device Support
2.8.1
Development Support
In case the customer would like to develop their own features and software on the C6474 device, TI offers
an extensive line of development tools for the TMS320C6000 DSP platform, including tools to evaluate the
performance of the processors, generate code, develop algorithm implementations, and fully integrate and
debug software and hardware modules. The tool's support documentation is electronically available within
the Code Composer Studio
™ Integrated Development Environment (IDE). The following products support
development of C6000 DSP-based applications:
Software Development Tools: Code Composer Studio Integrated Development Environment (IDE):
including Editor C/C++/Assembly Code Generation, and Debug plus additional development tools
Scalable, Real-Time Foundation Software (DSP/BIOS
™), which provides the basic run-time target
software needed to support any DSP application.
Hardware Development Tools: Extended Development System (XDS
™) Emulator (supports C6000 DSP
multiprocessor system debug) Evaluation Module (EVM).
2.8.2
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
DSP devices and support tools. Each DSP commercial family member has one of three prefixes: TMX,
TMP, or TMS (e.g., TMS320C6474ZUN). Texas Instruments recommends two of three possible prefix
designators for its support tools: TMDX and TMDS. These prefixes represent evolutionary stages of
product development from engineering prototypes (TMX/TMDX) through fully qualified production
devices/tools (TMS/TMDS).
Device development evolutionary flow:
•
TMX: Experimental device that is not necessarily representative of the final device's electrical
specifications.
•
TMP: Final silicon die that conforms to the device's electrical specifications but has not completed
quality and reliability verification.
•
TMS: Fully qualified production device.
Support tool development evolutionary flow:
•
TMDX: Development-support product that has not yet completed Texas Instruments internal
qualification testing.
•
TMDS: Fully qualified development-support product .
TMX and TMP devices and TMDX development-support tools are shipped with against the following
disclaimer:
"Developmental product is intended for internal evaluation purposes."
TMS devices and TMDS development-support tools have been characterized fully, and the quality and
reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Overview
41
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com