Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 57 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 57 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 53Page - Texas Instruments SPRUG18 Datasheet HTML 54Page - Texas Instruments SPRUG18 Datasheet HTML 55Page - Texas Instruments SPRUG18 Datasheet HTML 56Page - Texas Instruments SPRUG18 Datasheet HTML 57Page - Texas Instruments SPRUG18 Datasheet HTML 58Page - Texas Instruments SPRUG18 Datasheet HTML 59Page - Texas Instruments SPRUG18 Datasheet HTML 60Page - Texas Instruments SPRUG18 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
4.4
Priority Allocation
On the C6474 device, each of the masters is assigned a priority via the Priority Allocation Register
(PRI_ALLOC), see Figure 4-3. User-programmable priority registers allow software configuration of the
data traffic through the SCR. The priority is enforced when several masters in the system vie for the same
endpoint. The PRI value of 000b has the highest priority, while the PRI value 111b has the lowest priority.
A chip-level register must be provided to set these values for masters that do not have their own register
internally.
The configuration SCR port on the data SCR is considered a single endpoint meaning priority will be
enforced when multiple masters try to access the configuration SCR. Priority is also enforced on the
configuration SCR side when a master (through the data SCR) tries to access the same endpoint as the
C64x+ Megamodule.
The 4-Byte PRI_ALLOC register address range is 0288 083C - 0288 083F.
31
6
5
3
2
0
Reserved
RapidIO CPPI
EMAC
RW, +00 0000 0000 0000 0000 0000 0000
RW, +001
RW, +001
Figure 4-3. Priority Allocation Register (PRI_ALLOC)
All other master peripherals are not present in the PRI_ALLOC register, as they have their own registers
to program their priorities and do not need a default priority setting. For more information on the default
priority values in these peripheral registers, see the device-compatible peripheral reference guides. TI
recommends that these priority registers be reprogrammed upon initial use.
Copyright
© 2008–2011, Texas Instruments Incorporated
System Interconnect
57
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com