Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 75 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 75 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 71Page - Texas Instruments SPRUG18 Datasheet HTML 72Page - Texas Instruments SPRUG18 Datasheet HTML 73Page - Texas Instruments SPRUG18 Datasheet HTML 74Page - Texas Instruments SPRUG18 Datasheet HTML 75Page - Texas Instruments SPRUG18 Datasheet HTML 76Page - Texas Instruments SPRUG18 Datasheet HTML 77Page - Texas Instruments SPRUG18 Datasheet HTML 78Page - Texas Instruments SPRUG18 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 214 page
background image
TransmissionLine
DDR2OutputTestLoad
Z0=50 W
DataSheetTiming
ReferencePoint
DevicePin
(A)
Device
4pf
TransmissionLine
OutputTestLoadExcludingDDR2
Z0=50 W
Device
5pf
Vref=0.9V
V
=V MIN(orV MIN)
ref
IH
OH
V
=V MAX(orV MAX)
ref
IL
OL
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7
Peripheral Information and Electrical Specifications
7.1
Parameter Information
A.
The data sheet provides timing at the device pin. For output analysis, the transmission line and associated parasitics
(vias, multiple nodes, etc.) must also be taken into account. The transmission line delay varies depending on the trace
length. An approximate range for output delays can vary from 176 ps to 2 ns depending on the end product design.
For recommended transmission line lengths, see the appropriate application notes, user
's guides, and design guides.
A transmission line delay of 2 ns was used for all output measurements, except the DDR2 which was evaluated using
a 528-ps delay.
B.
This figure represents all outputs, except differential or I2C.
Figure 7-1. Test Load Circuit for AC Timing Measurements
The load capacitance value stated is for characterization and measurement of AC timing signals. This load
capacitance value does not indicate the maximum load the device is capable of driving.
7.1.1
1.8 V Signal Transition Levels
All input and output timing parameters are referenced to 0.9 V for both "0" and "1" logic levels.
Figure 7-2. Input and Output Voltage Reference Levels for AC Timing Measurements
All rise and fall transition timing parameters are reference to VIL MAX and VIH MIN for input clocks.
Figure 7-3. Rise and Fall Transition Time Voltage Reference Levels
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
75
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com