| Electronic Components Datasheet Search |
|
SPRUG18 Datasheet(PDF) 77 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SPRUG18 Datasheet(HTML) 77 Page - Texas Instruments |
|
77 / 214 page ![]() TMS320C6474 www.ti.com SPRS552H – OCTOBER 2008 – REVISED APRIL 2011 Some peripherals can be statically powered down at device reset through the device configuration pins (see Section 3.1, Device Configuration at Device Reset). Once in a static power-down state, the peripheral is held in reset and its clock is turned off. Peripherals cannot be enabled once they are in a static power-down state. To take a peripheral out of the static power-down state, a device reset must be executed with a different configuration pin setting. After device reset, all peripherals on the C6474 device are in a disabled state and must be enabled by software before being used. It is possible to enable only the peripherals needed by the application while keeping the rest disabled. Note that peripherals in a disabled state are held in reset with their clocks gated. For more information on how to enable peripherals, see Section 3.2, Peripheral Selection After Device Reset. Peripherals used for booting, like I2C, are automatically enabled after device reset. It is possible to disable peripherals used for booting after the boot process is complete. This, too, results in gating of the clock(s) to the powered-down peripheral. Once a peripheral is powered-down, it must remain powered down until the next device reset. The C64x+ Megamodule also allows for software-driven power-down management for all of the C64x+ Megamodule components through its Power-Down Controller (PDC). The CPU can power-down part or the entire C64x+ Megamodule through the power-down controller based on its own execution thread or in response to an external stimulus from a host or global controller. More information on the power-down features of the C64x+ Megamodule can be found in the TMS320C64x+ Megamodule Reference Guide (literature number SPRU871). Table 7-2 lists the Power/Sleep Controller (PSC) registers. Table 7-2. Power/Sleep Controller Registers HEX ADDRESS ACRONYM REGISTER NAME 02AC 0000 PID Peripheral Revision and Class Information 02AC 0120 PTCMD Power Domain Transition Command Register 02AC 0128 PTSTAT Power Domain Transition Status Register 02AC 0200 PDSTAT Power Domain Status Register 02AC 0300 PDCTL0 Power Domain Control Register 0 (AlwaysOn) 02AC 0304 PDCTL1 Power Domain Control Register 1 (Antenna Interface) 02AC 0308 PDCTL2 Power Domain Control Register 2 (Serial RapidIO) 02AC 030C - Reserved 02AC 0310 PDCTL4 Power Domain Control Register 4 (TCP) 02AC 0314 PDCTL5 Power Domain Control Register 5 (VCP) 02AC 0800 - Reserved 02AC 0804 - Reserved 02AC 0808 - Reserved 02AC 080C MDSTAT3 Module Status Register 3 (C64x+ Core 0) 02AC 0810 MDSTAT4 Module Status Register 4 (C64x+ Core 1) 02AC 0814 MDSTAT5 Module Status Register 5 (C64x+ Core 2) 02AC 0818 MDSTAT6 Module Status Register 6 (Antenna Interface) 02AC 081C MDSTAT7 Module Status Register 7 (Serial RapidIO) 02AC 0820 - Reserved 02AC 0824 MDSTAT9 Module Status Register 9 (TCP) 02AC 0828 MDSTAT10 Module Status Register 10 (VCP) 02AC 082C MDSTAT11 Module Status Register 11 (Never Gated) 02AC 0A00 - Reserved 02AC 0A04 - Reserved 02AC 0A08 - Reserved Copyright © 2008–2011, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 77 Submit Documentation Feedback Product Folder Link(s) :TMS320C6474 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |