Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 47 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 47 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 43Page - Texas Instruments SPRUG18 Datasheet HTML 44Page - Texas Instruments SPRUG18 Datasheet HTML 45Page - Texas Instruments SPRUG18 Datasheet HTML 46Page - Texas Instruments SPRUG18 Datasheet HTML 47Page - Texas Instruments SPRUG18 Datasheet HTML 48Page - Texas Instruments SPRUG18 Datasheet HTML 49Page - Texas Instruments SPRUG18 Datasheet HTML 50Page - Texas Instruments SPRUG18 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
3.4
Device Status Register Descriptions
The device status register depicts the device configuration selected upon device reset. Once set, these
bits remain set until a device reset.
Figure 3-1 shows the device configuration register 1 and Table 3-3 describes the parameters that are set
through software to configure different components on the device. The configuration is done through the
device configuration DEVCFG register, which is one-time writeable through software. The register is reset
on all hard resets and is locked after the first write.
31
3
2
1
0
Reserved
CLKS1 CLKS0
SYSCLKOUTEN
R-00000000000000000000000000000
R/W-0
R/W-0
R/W-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-1. Device Configuration Register (DEVCFG)
Table 3-3. Device Configuration Register (DEVCFG) Field Descriptions
Bit
Field
Value
Description
31:3
Reserved
Reserved
2
CLKS1
McBSP1 CLKS Select
0
CLKS1 device pin
1
chip_clks from Main.PLL
1
CLKS0
McBSP0 CLKS Select
0
CLKS0 device pin
1
chip_clks from Main.PLL
0
SYSCLKOUTEN
SYSCLKOUT Enable
0
No Clock Output
1
Clock output Enabled
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Configuration
47
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com