Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 14 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 10Page - Texas Instruments SPRUG18 Datasheet HTML 11Page - Texas Instruments SPRUG18 Datasheet HTML 12Page - Texas Instruments SPRUG18 Datasheet HTML 13Page - Texas Instruments SPRUG18 Datasheet HTML 14Page - Texas Instruments SPRUG18 Datasheet HTML 15Page - Texas Instruments SPRUG18 Datasheet HTML 16Page - Texas Instruments SPRUG18 Datasheet HTML 17Page - Texas Instruments SPRUG18 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
HEX ADDRESS RANGE
MEMORY BLOCK DESCRIPTION
SIZE
START
END
C64x+ MEGAMODULE CORE 0
C64x+ MEGAMODULE CORE 1
C64x+ MEGAMODULE CORE 2
02DC 0000
02DF FFFF
256K
Reserved
02E0 0000
02E0 3FFF
16K
RapidIO Descriptor Memory
02E0 4000
02EF FFFF
1M - 16K
Reserved
02F0 0000
02F0 FFFF
64K
Reserved
02F1 0000
02F1 FFFF
64K
Reserved
02F2 0000
02F3 FFFF
128K
Reserved
02F4 0000
02F5 FFFF
128K
Reserved
02F6 0000
02FF FFFF
576K
Reserved
Reserved
0300 0000
03FF FFFF
16M
Reserved
0400 0000
0FFF FFFF
192M
Reserved
Global Ram
1000 0000
107F FFFF
8M
Reserved
1080 0000
1087 FFFF
512K
C64x+ Megamodule Core 0 L2 RAM
1088 0000
108F FFFF
512K
1090 0000
1097 FFFF
512K
Reserved
1098 0000
109F FFFF
512K
Reserved
10A0 0000
10DF FFFF
4M
Reserved
10E0 0000
10E0 7FFF
32K
C64x+ Megamodule Core 0 L1P SRAM
10E0 8000
10EF FFFF
1M - 32K
Reserved
10F0 0000
10F0 7FFF
32K
C64x+ Megamodule Core 0 L1D SRAM
10F0 8000
10FF FFFF
1M - 32K
Reserved
1100 0000
117F FFFF
8M
Reserved
1180 0000
1187 FFFF
512K
C64x+ Megamodule Core 1 L2 SRAM
1188 0000
118F FFFF
512K
1190 0000
1197 FFFF
512K
Reserved
1198 0000
119F FFFF
512K
Reserved
11A0 0000
11DF FFFF
4M
Reserved
11E0 0000
11E0 7FFF
32K
C64x+ Megamodule Core 1 L1P SRAM
11E0 8000
11EF FFFF
1M - 32K
Reserved
11F0 0000
11F0 7FFF
32K
C64x+ Megamodule Core 1 L1D SRAM
11F0 8000
11FF FFFF
1M - 32K
Reserved
1200 0000
127F FFFF
8M
Reserved
1280 0000
1287 FFFF
512K
C64x+ Megamodule Core 2 L2 SRAM
1288 0000
128F FFFF
512K
1290 0000
1297 FFFF
512K
Reserved
1298 0000
129F FFFF
512K
Reserved
12A0 0000
12DF FFFF
4M
Reserved
12E0 0000
12E0 7FFF
32K
C64x+ Megamodule Core 2 L1P SRAM
12E0 8000
12EF FFFF
1M - 32K
Reserved
12F0 0000
12F0 7FFF
32K
C64x+ Megamodule Core 2 L1D SRAM
12F0 8000
12FF FFFF
1M - 32K
Reserved
1300 0000
1FFF FFFF
208M
Reserved
Data Space on EDMA SCR
2000 0000
2FFF FFFF
256M
Reserved
3000 0000
3000 00FF
256
McBSP0 Data
3000 0100
33FF FFFF
64M - 256
Reserved
3400 0000
3400 00FF
256
McBSP1 Data
3400 0100
3BFF FFFF
128M - 256
Reserved
3C00 0000
3C00 FFFF
64K
L3 ROM
3C01 0000
3FFF FFFF
64M - 64K
Reserved
4000 0000
4FFF FFFF
256M
Reserved
5000 0000
500F FFFF
1M
TCP2 Data
5010 0000
57FF FFFF
127M
Reserved
5800 0000
5800 FFFF
64K
VCP2 Data
5801 0000
5FFF FFFF
128M 64K
Reserved
14
Device Overview
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com