Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 43 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 43 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 39Page - Texas Instruments SPRUG18 Datasheet HTML 40Page - Texas Instruments SPRUG18 Datasheet HTML 41Page - Texas Instruments SPRUG18 Datasheet HTML 42Page - Texas Instruments SPRUG18 Datasheet HTML 43Page - Texas Instruments SPRUG18 Datasheet HTML 44Page - Texas Instruments SPRUG18 Datasheet HTML 45Page - Texas Instruments SPRUG18 Datasheet HTML 46Page - Texas Instruments SPRUG18 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
processors (DSPs).
SPRUG09
TMS320C6474 DSP Software-Programmable Phase-Locked Loop (PLL) Controller
User's Guide. This document describes the operation of the software-programmable
phase-locked loop (PLL) controller in the TMS320C6474 digital signal processors (DSPs).
SPRUG10
TMS320C6474 DSP PSC User's Guide. This document describes the Power/Sleep
Controller (PSC) for the TMS320C6474 digital signal processors (DSPs).
SPRUG11
TMS320C6474 DSP Enhanced DMA (EDMA3) Controller User's Guide. This document
describes the Enhanced DMA (EDMA3) Controller on the TMS320C6474 digital signal
processors (DSPs).
SPRUG12
TMS320C6474 DSP Antenna Interface User's Guide. This document describes the
Antenna Interface module on the TMS320C6474 digital signal processors (DSPs).
SPRUG13
TMS320C6474 DSP Frame Synchronization User's Guide. This document describes the
reference guide for Frame Synchronization module on the TMS320C6474 digital signal
processors (DSPs).
SPRUG14
TMS320C6474 DSP Semaphore User's Guide. This document describes the usage of the
semaphore and some of the CSL calls used to configure/use the Semaphore module on the
TMS320C6474 digital signal processors (DSPs).
SPRUG16
TMS320C6474 DSP General-Purpose Input/Output (GPIO) User's Guide. This document
describes the general-purpose input/output (GPIO) peripheral in the digital signal processors
(DSPs) of the TMS320C6474 DSP family.
SPRUG17
TMS320C6474 DSP Multichannel Buffered Serial Port (McBSP) Reference Guide. This
document describes the operation of the multichannel buffered serial port (McBSP) in the
digital signal processors (DSPs) of the TMS320C6474 device.
SPRUG18
TMS320C6474 DSP 64-Bit Timer User
’s Guide. This document provides an overview of the
64-bit timer in the TMS320C6474 digital signal processors (DSPs).
SPRUG19
TMS320C6474 DSP DDR2 Memory Controller User's Guide. This document describes the
DDR2 memory controller in the TMS320C6474 digital signal processors (DSPs).
SPRUG20
TMS320C6474 DSP Viterbi-Decoder Coprocessor 2 (VCP2) Reference Guide. This
document describes the operation and programming of the VCP2 in the TMS320C6474
digital signal processors (DSPs).
SPRUG21
TMS320C6474 DSP Turbo-Decoder Coprocessor 2 (TCP2) Reference Guide. This
document describes the operation and programming of the TCP2 in the TMS320C6474
digital signal processors (DSPs).
SPRUG22
TMS320C6474 DSP Inter-Integrated Circuit (I2C) Module User's Guide. This document
describes the inter-integrated circuit (I2C) module in the TMS320C6474 digital signal
processors (DSPs).
SPRUG23
TMS320C6474 DSP Serial RapidIO (SRIO) User's Guide. This document describes the
Serial RapidIO (SRIO) on the TMS320C6474 digital signal processors (DSPs).
SPRUEC6
TMS320C645x/C647x DSP Bootloader User's Guide. This document describes the
features of the on-chip Bootloader provided with the TMS320C645x/C647x digital signal
processors (DSPs).
SPRUFK6
TMS320C6474 DSP Chip Interrupt Controller (CIC) User's Guide. This document
describes the system event routing using the chip interrupt controller (CIC) for the
TMS320C6474 digital signal processors (DSPs).
SPRAAW5
TMS320C6474
Module
Throughput.
This
document
provides
information
on
the
TMS320C6474 module throughput.
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Overview
43
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com