Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 48 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 48 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 44Page - Texas Instruments SPRUG18 Datasheet HTML 45Page - Texas Instruments SPRUG18 Datasheet HTML 46Page - Texas Instruments SPRUG18 Datasheet HTML 47Page - Texas Instruments SPRUG18 Datasheet HTML 48Page - Texas Instruments SPRUG18 Datasheet HTML 49Page - Texas Instruments SPRUG18 Datasheet HTML 50Page - Texas Instruments SPRUG18 Datasheet HTML 51Page - Texas Instruments SPRUG18 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
31
16
Reserved
R-0
15
10
9
8
Reserved
DEVNUM
R-0
7
6
5
2
1
0
DEVNUM
BOOTMODE
Reserved
LENDIAN
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-2. Device Configuration Status Register (DEVSTAT)
Table 3-4. Device Configuration Status Register Field Descriptions
Bit
Field
Value
Description
31:10
Reserved
Reserved
9:6
DEVNUM
Device number
5:2
BOOTMODE
Determines the boot method for the device. For more information on bootmode, see Section 2.4.
0000
No Boot
0001
I2C Master Boot (Slave Address 0x50)
0010
I2C Master Boot (Slave Address 0x51)
0011
I2C Slave Boot
0100
EMAC Master Boot
0101
EMAC Slave Boot
0110
EMAC Forced Mode Boot
0111
Reserved
1000
RapidIO Boot (Configuration 0)
1001
RapidIO Boot (Configuration 1)
1010
RapidIO Boot (Configuration 2)
1011
RapidIO Boot (Configuration 3)
11xx
Reserved
1
Reserved
Reserved
0
LENDIAN
Device Endian mode. Shows the status of whether the system is operating in Big Endian mode or
Little Endian mode.
0
Big Endian mode
1
Little Endian mode
48
Device Configuration
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com