Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 102 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 102 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 98Page - Texas Instruments SPRUG18 Datasheet HTML 99Page - Texas Instruments SPRUG18 Datasheet HTML 100Page - Texas Instruments SPRUG18 Datasheet HTML 101Page - Texas Instruments SPRUG18 Datasheet HTML 102Page - Texas Instruments SPRUG18 Datasheet HTML 103Page - Texas Instruments SPRUG18 Datasheet HTML 104Page - Texas Instruments SPRUG18 Datasheet HTML 105Page - Texas Instruments SPRUG18 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-11. EDMA3 Transfer Controller 4 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A4 0288
DFDSTBREF
Destination FIFO Set Destination Address B Reference Register
02A4 028C - 02A4 02FC
-
Reserved
02A4 0300
DFOPT0
Destination FIFO Options Register 0
02A4 0304
DFSRC0
Destination FIFO Source Address Register 0
02A4 0308
DFCNT0
Destination FIFO Count Register 0
02A4 030C
DFDST0
Destination FIFO Destination Address Register 0
02A4 0310
DFBIDX0
Destination FIFO BIDX Register 0
02A4 0314
DFMPPRXY0
Destination FIFO Memory Protection Proxy Register 0
02A4 0318 - 02A4 033C
-
Reserved
02A4 0340
DFOPT1
Destination FIFO Options Register 1
02A4 0344
DFSRC1
Destination FIFO Source Address Register 1
02A4 0348
DFCNT1
Destination FIFO Count Register 1
02A4 034C
DFDST1
Destination FIFO Destination Address Register 1
02A4 0350
DFBIDX1
Destination FIFO BIDX Register 1
02A4 0354
DFMPPRXY1
Destination FIFO Memory Protection Proxy Register 1
02A4 0358 - 02A4 037C
-
Reserved
02A4 0380
DFOPT2
Destination FIFO Options Register 2
02A4 0384
DFSRC2
Destination FIFO Source Address Register 2
02A4 0388
DFCNT2
Destination FIFO Count Register 2
02A4 038C
DFDST2
Destination FIFO Destination Address Register 2
02A4 0390
DFBIDX2
Destination FIFO BIDX Register 2
02A4 0394
DFMPPRXY2
Destination FIFO Memory Protection Proxy Register 2
02A4 0398 - 02A4 03BC
-
Reserved
02A4 03C0
DFOPT3
Destination FIFO Options Register 3
02A4 03C4
DFSRC3
Destination FIFO Source Address Register 3
02A4 03C8
DFCNT3
Destination FIFO Count Register 3
02A4 03CC
DFDST3
Destination FIFO Destination Address Register 3
02A4 03D0
DFBIDX3
Destination FIFO BIDX Register 3
02A4 03D4
DFMPPRXY3
Destination FIFO Memory Protection Proxy Register 3
02A4 03D8 - 02A4 FFFC
-
Reserved
Table 7-12. EDMA3 Transfer Controller 5 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A4 8000
PID
Peripheral Identification Register
02A4 8004
TCCFG
EDMA3TC Configuration Register
02A4 8008 - 02A4 80FC
-
Reserved
02A4 8100
TCSTAT
EDMA3TC Channel Status Register
02A4 8104 - 02A4 811C
-
Reserved
02A4 8120
ERRSTAT
Error Register
02A4 8124
ERREN
Error Enable Register
02A4 8128
ERRCLR
Error Clear Register
02A4 812C
ERRDET
Error Details Register
02A4 8130
ERRCMD
Error Interrupt Command Register
02A4 8134 - 02A4 813C
-
Reserved
02A4 8140
RDRATE
Read Rate Register
02A4 8144 - 02A4 823C
-
Reserved
02A4 8240
SAOPT
Source Active Options Register
102
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com