Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 108 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 108 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 104Page - Texas Instruments SPRUG18 Datasheet HTML 105Page - Texas Instruments SPRUG18 Datasheet HTML 106Page - Texas Instruments SPRUG18 Datasheet HTML 107Page - Texas Instruments SPRUG18 Datasheet HTML 108Page - Texas Instruments SPRUG18 Datasheet HTML 109Page - Texas Instruments SPRUG18 Datasheet HTML 110Page - Texas Instruments SPRUG18 Datasheet HTML 111Page - Texas Instruments SPRUG18 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-15. C64x+ Megamodule Chip Interrupt Controller Event List CIC[2:0] (continued)
EVENT CHANNEL
EVENT
EVENT DESCRIPTION
18
IREVT
I2C Receive EDMA Event
19
IXEVT
I2C Transmit EDMA Event
20
FSEVT18
FSYNC Event 18
21
FSEVT19
FSYNC Event 19
22
FSEVT20
FSYNC Event 20
23
FSEVT21
FSYNC Event 21
24
FSEVT22
FSYNC Event 22
25
FSEVT23
FSYNC Event 23
26
FSEVT24
FSYNC Event 24
27
FSEVT25
FSYNC Event 25
28
FSEVT26
FSYNC Event 26
29
FSEVT27
FSYNC Event 27
30
FSEVT28
FSYNC Event 28
31
FSEVT29
FSYNC Event 28
32
VCPREVT
VCP Receive Event
33
VCPXEVT
VCP Transmit Event
34
TCPREVT
TCP Receive Event
35
TCPXEVT
TCP Transmit Event
36
TPCC_ERRINT
TPCC Error Interrupt
37
TPCC_MPINT
TPCC Memory Protection Interrupt
38
TPTC_ERRINT0
TPTC0 Error Interrupt
39
TPTC_ERRINT1
TPTC1 Error Interrupt
40
TPTC_ERRINT2
TPTC2 Error Interrupt
41
TPTC_ERRINT3
TPTC3 Error Interrupt
42
TPTC_ERRINT4
TPTC4 Error Interrupt
43
TPTC_ERRINT5
TPTC5 Error Interrupt
44
TPCC_AETEVT
TPCC AET Event
45
AIF_EVT2
AIF CPU Interrupt 2
46
AIF_EVT3
AIF CPU Interrupt 2
47
AIF_PSEVT0
Packet Switched Transfer Event 0
48
AIF_PSEVT1
Packet Switched Transfer Event 1
49
AIF_PSEVT2
Packet Switched Transfer Event 2
50
AIF_PSEVT3
Packet Switched Transfer Event 3
51
AIF_PSEVT4
Packet Switched Transfer Event 4
52
AIF_PSEVT5
Packet Switched Transfer Event 5
53
AIF_PSEVT6
Packet Switched Transfer Event 6
54
AIF_BUFEVT
AIF Capture Buffer Event.
55-57
Unused
Reserved
58
SEMERRn (1)
Semaphore Error Event for C64x+ Megamodulen
59-63
Unused
Reserved
(1)
C64x+ Megamodule Core 0, C64x+ Megamodule Core 1, and C64x+ Megamodule Core 2 receive SEMERR0, SEMERR1, and
SEMERR2, respectively.
Another system event selector is present to route events to the TPCC. Most system events routed through
the event controller to the TPCC are CPU events that do not normally require DMA servicing, but may be
used to trigger a statistics capture. Several events are routed through the event controller that may be
used to trigger a DMA transaction in normal operation, but the programmer must make a resource tradeoff
to use these events. Table 7-16 lists all of the events routed through the TPCCs system event controller.
108
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com