Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 126 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 126 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 122Page - Texas Instruments SPRUG21 Datasheet HTML 123Page - Texas Instruments SPRUG21 Datasheet HTML 124Page - Texas Instruments SPRUG21 Datasheet HTML 125Page - Texas Instruments SPRUG21 Datasheet HTML 126Page - Texas Instruments SPRUG21 Datasheet HTML 127Page - Texas Instruments SPRUG21 Datasheet HTML 128Page - Texas Instruments SPRUG21 Datasheet HTML 129Page - Texas Instruments SPRUG21 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.8.3.7
PLL Controller Clock Align Control Register
The PLL controller clock align control register (ALNCTL) is shown in Figure 7-17 and described in
Table 7-31.
31
16
Reserved
R-0
15
14
13
12
11
10
9
0
Reserved
Rsvd
ALN13
Rsvd
ALN11
Reserved
R-0
R-1
R-1
R-1
R-1
R-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 7-17. PLL Controller Clock Align Control Register (ALNCTL) [Hex Address: 029A 0140]
Table 7-31. PLL Controller Clock Align Control Register (ALNCTL) Field Descriptions
Bit
Field
Value
Description
31:14
Reserved
0
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
13
Reserved
1
Reserved. The reserved bit location is always read as 1. A value written to this field has no effect.
12
ALN13
SYSCLK13 alignment. Do not change the default values of these fields.
0
Do not align SYSCLK13 to other SYSCLKs during GO operation. If SYS13 in DCHANGE is set to
1, SYSCLK13 switches to the new ratio immediately after the GOSET bit in PLLCMD is set.
1
Align SYSCLK13 to other SYSCLKs selected in ALNCTL when the GOSET bit in PLLCMD is set.
The SYSCLK13 ratio is set to the ratio programmed in the RATIO bit in PLLDIV13.
11
Reserved
1
Reserved. The reserved bit location is always read as 1. A value written to this field has no effect.
10
ALN11
SYSCLK11 alignment. Do not change the default values of these fields.
0
Do not align SYSCLK11 to other SYSCLKs during GO operation. If SYS11 in DCHANGE is set to
1, SYSCLK11 switches to the new ratio immediately after the GOSET bit in PLLCMD is set.
1
Align SYSCLK11 to other SYSCLKs selected in ALNCTL when the GOSET bit in PLLCMD is set.
The SYSCLK11 ratio is set to the ratio programmed in the RATIO bit in PLLDIV11.
9:0
Reserved
1
Reserved. The reserved bit location is always read as 1. A value written to this field has no effect.
126
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com