Electronic Components Datasheet Search
  English  ▼

X  

SPRUG21 Datasheet(PDF) 130 Page - Texas Instruments

Part # SPRUG21
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG21 Datasheet(HTML) 130 Page - Texas Instruments

Back Button SPRUG21 Datasheet HTML 126Page - Texas Instruments SPRUG21 Datasheet HTML 127Page - Texas Instruments SPRUG21 Datasheet HTML 128Page - Texas Instruments SPRUG21 Datasheet HTML 129Page - Texas Instruments SPRUG21 Datasheet HTML 130Page - Texas Instruments SPRUG21 Datasheet HTML 131Page - Texas Instruments SPRUG21 Datasheet HTML 132Page - Texas Instruments SPRUG21 Datasheet HTML 133Page - Texas Instruments SPRUG21 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 214 page
background image
DDR.PLL
AV
DD218
DDR.PLLController
PLLOUT
x10
DDR2
PHY
÷ 2
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.9
PLL2 and PLL2 Controller
The secondary PLL controller generates interface clocks for the DDR2 memory controller. The CLKIN2
input for PLL2 is DDRREFCLK. It is a differential clock input and is applied at the DDRREFCLKP and
DDRREFCLKN pins. When coming out of power-on reset, PLL2 is enabled and initialized.
As shown in Figure 7-21, the PLL2 controller features a PLL multiplier controller. The PLL multiplier is
fixed to a x10 multiplier rate.
PLL2 power is supplied externally via the PLL2 power supply (AVDD218). An external PLL filter circuit must
be added to AVDD218 as shown in Figure 7-21. The 1.8-V supply for the EMI filter must be from the same
1.8-V power plane supplying the I/O power-supply pin, DVDD18. TI requires EMI filter manufacturer Murata.
For more information on the external PLL filter or the EMI filter, see the TMS320C6474 Hardware Design
Guide application report (literature number SPRAAW7).
All PLL external components (capacitors and the EMI filter) should be placed as close to the C64x+ DSP
device as possible. For the best performance, TI requires that all the PLL external components be on a
single side of the board without jumpers, switches, or components other than the ones shown. For
reduced PLL jitter, maximize the spacing between switching signals and the PLL external components
(capacitors and the EMI filter). The minimum CLKIN2 rise and fall times should also be observed.
Figure 7-21. PLL2 Block Diagram
7.9.1
PLL2 Controller Device-Specific Information
7.9.1.1
Internal Clocks and Maximum Operating Frequencies
As shown in Figure 7-21, the output of PLL2, PLLOUT, is divided by 2 and directly fed to the DDR2
memory controller. This clock is used by the DDR2 memory controller to generate DDR2CLKOUT0[P/N]
and DDR2CLKOUT1[P/N]. Note that, internally, the data bus interface of the DDR2 memory controller is
clocked by SYSCLK2 and PLL1 controller.
Note that there is a minimum and maximum operating frequency for DDRREFCLK and PLLOUT. The
clock generator and PLL multiplier must not be configured to exceed any of these constraints. For the PLL
clocks input and output frequency ranges, see Table 7-35. DDRREFCLK is a differential clock input to
PLL2 and is applied at the DDRREFCLKP and DDRREFCLKN pins.
Table 7-35. PLL2 Clock Frequency Ranges
MIN
MAX
UNIT
DDRREFCLK (PLLEN = 1)
40
66.7
MHz
PLLOUT
400
667
MHz
DDR2CLKOUT0[P/N] and DDR2CLKOUT1[P/N]
200
333
MHz
130
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com