Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 35Page - Analog Devices ADV7182 Datasheet HTML 36Page - Analog Devices ADV7182 Datasheet HTML 37Page - Analog Devices ADV7182 Datasheet HTML 38Page - Analog Devices ADV7182 Datasheet HTML 39Page - Analog Devices ADV7182 Datasheet HTML 40Page - Analog Devices ADV7182 Datasheet HTML 41Page - Analog Devices ADV7182 Datasheet HTML 42Page - Analog Devices ADV7182 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
Data Sheet
ADV7182
Rev. A | Page 39 of 96
ACE_LUMA_GAIN[4:0], User Sub Map 2, Address 0x83[4:0]
A control to set the auto-contrast level for the luma channel when
ACE_ENABLE is 1.
Table 63. ACE_LUMA_GAIN Function
ACE_LUMA_GAIN[4:0]
Description
00000
Set ACE luma auto-contrast level to
minimum value
01101 (default)
Set ACE luma auto-contrast level to
default value
11111
Set ACE luma auto-contrast level to
maximum value
ACE_RESPONSE_SPEED[3:0], User Sub Map 2,
Address 0x85[7:4]
Sets the reaction time of the ACE function.
Table 64. ACE_RESPONSE_SPEED Function
ACE_ RESPONSE_SPEED[3:0]
Description
0000
Set speed of ACE response to
slowest value
1111 (default)
Set speed of ACE response to
fastest value
ACE_CHROMA_GAIN[3:0], User Sub Map 2,
Address 0x84[3:0]
This control sets the color-saturation level for the color channels
when ACE_ENABLE is 1.
Table 65. ACE_CHROMA_GAIN Function
ACE_CHROMA_GAIN[3:0]
Description
0000
Set ACE color auto-saturation level
to minimum value
1000 (default)
Set ACE color auto-saturation level
to default value
1111
Set ACE color auto-saturation level
to maximum value
ACE_CHROMA_MAX[3:0], User Sub Map 2,
Address 0x84[7:4]
This control sets a maximum threshold value that clips the
chroma gain regardless of the ACE_CHROMA_GAIN[3:0]
settings.
Table 66. ACE_CHROMA_MAX Function
ACE_CHROMA_MAX[3:0]
Description
0000
Set maximum threshold for ACE
color auto-saturation level to
minimum value
1000 (default)
Set maximum threshold for ACE
color auto-saturation level to
default value
1111
Set maximum threshold for ACE
color auto-saturation level to
maximum value
ACE_GAMMA_GAIN[3:0], User Sub Map 2,
Address 0x85[3:0]
This control provides further contrast enhancement to the luma
and chroma gain controls and is particularly effective in the darker
areas of an image.
Table 67. ACE_GAMMA_GAIN[3:0] Function
ACE_GAMMA_GAIN[3:0]
Description
0000
Set further contrast enhancement
to minimum value
1000 (default)
Set further contrast enhancements
to default value
1111
Set further contrast enhancement
to maximum value
DITHER FUNCTION
The dither function converts the digital output of the ADV7182
from 8-bit pixel data down to 6-bit pixel data. This function makes
it easier for the ADV7182 to communicate with some LCD panels.
The dither function is turned off by default. It is activated by the
BR_DITHER_MODE bit.
BR_DITHER_MODE, User Sub Map 2, Address 0x92[0]
Table 68. BR_DITHER_MODE Function
BR_DITHER_MODE
Description
0 (default)
8-bit to 6-bit down dither disabled
1
8-bit to 6-bit down dither enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com