Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 12Page - Analog Devices ADV7182 Datasheet HTML 13Page - Analog Devices ADV7182 Datasheet HTML 14Page - Analog Devices ADV7182 Datasheet HTML 15Page - Analog Devices ADV7182 Datasheet HTML 16Page - Analog Devices ADV7182 Datasheet HTML 17Page - Analog Devices ADV7182 Datasheet HTML 18Page - Analog Devices ADV7182 Datasheet HTML 19Page - Analog Devices ADV7182 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
ADV7182
Data Sheet
Rev. A | Page 16 of 96
GLOBAL CONTROL REGISTERS
Register control bits listed in this section affect the whole chip.
POWER-SAVING MODES
Power-Down
PWRDWN, Address 0x0F[5]
The ADV7182 can be placed into a chip-wide, power-down mode
by setting the PWRDWN bit or by using the PWRDWN pin.
The power-down mode stops the clock from entering the digital
section of the chip, thereby freezing its operation. No I2C bits are
lost during power-down mode. The PWRDWN bit also affects
the analog blocks and switches them into low current modes.
The I2C interface is unaffected and remains operational in
power-down mode.
When PWRDWN is 0, the chip is operational. When PWRDWN is
1 (default), the ADV7182 is in a chip-wide, power-down mode.
RESET CONTROL
Reset, Chip Reset, Address 0x0F[7]
Setting this bit, which is equivalent to controlling the RESET
pin on the ADV7182, issues a full chip reset. All I2C registers are
reset to their default/power-up values. Note that some register bits
do not have a reset value specified. They keep their last written
value. Those bits are marked as having a reset value of x in the
register tables (see Table 95 and Table 97). After the reset
sequence, the part immediately starts to acquire the incoming
video signal.
After setting the reset bit (or initiating a reset via the RESET pin),
the part returns to the default for its primary mode of operation.
All I2C bits are loaded with their default values, making this bit
self-clearing. Executing a software reset takes approximately 2 ms.
However, it is recommended to wait 5 ms before any further I2C
writes are performed.
The I2C master controller receives a no acknowledge condition
on the ninth clock cycle when chip reset is implemented (see
the MPU Port Description section).
When the reset bit is 0 (default), operation is normal.
When the reset bit is 1, the reset sequence starts.
GLOBAL PIN CONTROL
Tristate Output Drivers
TOD, Address 0x03[6]
This bit allows the user to tristate the output drivers of the ADV7182.
Upon setting the TOD bit, the P7 to P0, HS, and VS/FIELD/SFL
pins are tristated.
The timing pins (HS and VS/FIELD/SFL pins) can be forced active
via the TIM_OE bit. For more information on tristate control, see the
Tristate LLC Driver and the Timing Signals Output Enable sections.
Individual drive strength controls are provided via the
DR_STR_x bits.
When TOD is 0 (default), the output drivers are enabled.
When TOD is 1, the output drivers are tristated.
Tristate LLC Driver
TRI_LLC, Address 0x1D[7]
This bit allows the output drivers for the LLC pin of the ADV7182
to be tristated. For more information on tristate control, refer to the
Tristate Output Drivers and Timing Signals Output Enable sections.
Individual drive strength controls are provided via the
DR_STR_x bits.
When TRI_LLC is 0 (default), the LLC pin drivers work according
to the DR_STR_C[1:0] setting (pin enabled).
When TRI_LLC is 1, the LLC pin drivers are tristated.
Timing Signals Output Enable
TIM_OE, Address 0x04[3]
The TIM_OE bit should be regarded as an addition to the TOD bit.
Setting it high forces the output drivers for HS, VS/FIELD/SFL into
the active state (that is, driving state) even if the TOD bit is set. If
TIM_OE is set to low, the HS and VS/FIELD/SFL pins are tristated
depending on the TOD bit. This functionality is beneficial if the
decoder is used only as a timing generator. This may be the case
if only the timing signals are extracted from an incoming signal or
if the part is in free-run mode, where a separate chip can output
a company logo, for example.
For more information on tristate control, see the Tristate
Output Drivers and Tristate LLC Driver sections.
Individual drive strength controls are provided via the
DR_STR_x bits.
When TIM_OE is 0 (default), HS and VS/FIELD/SFL are tristated
according to the TOD bit.
When TIM_OE is 1, HS and VS/FIELD/SFL are forced active all
the time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com