Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 67 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 63Page - Analog Devices ADV7182 Datasheet HTML 64Page - Analog Devices ADV7182 Datasheet HTML 65Page - Analog Devices ADV7182 Datasheet HTML 66Page - Analog Devices ADV7182 Datasheet HTML 67Page - Analog Devices ADV7182 Datasheet HTML 68Page - Analog Devices ADV7182 Datasheet HTML 69Page - Analog Devices ADV7182 Datasheet HTML 70Page - Analog Devices ADV7182 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
Data Sheet
ADV7182
Rev. A | Page 67 of 96
Address
Register Name
RW
7
6
5
4
3
2
1
0
Reset Value (Hex)
Dec
Hex
117
75
VDP_LINE_01F
RW
VBI_DATA_
P22_N20[3]
VBI_DATA_
P22_N20[2]
VBI_DATA_
P22_N20[1]
VBI_DATA_
P22_N20[0]
VBI_DATA_
P335_N283[3]
VBI_DATA_
P335_N283[2]
VBI_DATA_
P335_N283[1]
VBI_DATA_
P335_N283[0]
00000000
00
118
76
VDP_LINE_020
RW
VBI_DATA_
P23_N21[3]
VBI_DATA_
P23_N21[2]
VBI_DATA_
P23_N21[1]
VBI_DATA_
P23_N21[0]
VBI_DATA_
P336_N284[3]
VBI_DATA_
P336_N284[2]
VBI_DATA_
P336_N284[1]
VBI_DATA_
P336_N284[0]
00000000
00
119
77
VDP_LINE_021
RW
VBI_DATA_
P24_N22[3]
VBI_DATA_
P24_N22[2]
VBI_DATA_
P24_N22[1]
VBI_DATA_
P24_N22[0]
VBI_DATA_
P337_N285[3]
VBI_DATA_
P337_N285[2]
VBI_DATA_
P337_N285[1]
VBI_DATA_
P337_N285[0]
00000000
00
120
78
VDP_STATUS
R
TTXT_AVL
CGMS_WSS_AVL CC_EVEN_FIELD CC_AVL
120
78
VDP_STATUS_
CLEAR
W
CGMS_WSS_
CLEAR
CC_CLEAR
00000000
00
121
79
VDP_CCAP_
DATA_0
R
CCAP_BYTE_1[7] CCAP_BYTE_1[6] CCAP_BYTE_1[5] CCAP_BYTE_1[4] CCAP_BYTE_1[3] CCAP_BYTE_1[2] CCAP_BYTE_1[1] CCAP_BYTE_1[0]
122
7A
VDP_CCAP_
DATA_1
R
CCAP_BYTE_2[7] CCAP_BYTE_2[6] CCAP_BYTE_2[5] CCAP_BYTE_2[4] CCAP_BYTE_2[3] CCAP_BYTE_2[2] CCAP_BYTE_2[1] CCAP_BYTE_2[0]
125
7D
VDP_CGMS_
WSS_DATA_0
R
CGMS_CRC[5]
CGMS_CRC[4]
CGMS_CRC[3]
CGMS_CRC[2]
126
7E
VDP_CGMS_
WSS_DATA_1
R
CGMS_CRC[1]
CGMS_CRC[0]
CGMS_WSS[13]
CGMS_WSS[12]
CGMS_WSS[11]
CGMS_WSS[10]
CGMS_WSS[9]
CGMS_WSS[8]
127
7F
VDP_CGMS_
WSS_DATA_2
R
CGMS_WSS[7]
CGMS_WSS[6]
CGMS_WSS[5]
CGMS_WSS[4]
CGMS_WSS[3]
CGMS_WSS[2]
CGMS_WSS[1]
CGMS_WSS[0]
156
9C
VDP_OUTPUT_SEL RW
WSS_CGMS_CB_
CHANGE
00110000
30
1
x in a reset value indicates do not care.
2
B at the end of the bit name equals an overbar for the whole bit name.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com