Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 72 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 68Page - Analog Devices ADV7182 Datasheet HTML 69Page - Analog Devices ADV7182 Datasheet HTML 70Page - Analog Devices ADV7182 Datasheet HTML 71Page - Analog Devices ADV7182 Datasheet HTML 72Page - Analog Devices ADV7182 Datasheet HTML 73Page - Analog Devices ADV7182 Datasheet HTML 74Page - Analog Devices ADV7182 Datasheet HTML 75Page - Analog Devices ADV7182 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
ADV7182
Data Sheet
Rev. A | Page 72 of 96
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
CSFM[2:0]: C shaping filter mode
allows selection from a range of
low-pass chrominance filters; if
either auto mode is selected,
the decoder selects the optimum
C filter depending on the CVBS
video source quality (good vs.
bad); nonauto settings force a C
filter for all standards and quality
of CVBS video
0
0
0
Autoselection 1.5 MHz
Automatically
selects a C filter
based on video
standard and quality
0
0
1
Autoselection 2.17 MHz
0
1
0
SH1
Selects a C filter for
all video standards
and for good and
bad video
0
1
1
SH2
1
0
0
SH3
1
0
1
SH4
1
1
0
SH5
1
1
1
Wideband mode
0x18
Shaping Filter
Control 2
WYSFM[4:0]; wideband Y shaping
filter mode allows the user to
select which Y shaping filter is
used for the Y component of
Y/C, YPrPb, B/W input signals; it
is also used when a good quality
input CVBS signal is detected;
for all other inputs, the Y shaping
filter chosen is controlled by
YSFM[4:0]
0
0
0
0
0
Reserved, do not use
0
0
0
0
1
Reserved, do not use
0
0
0
1
0
SVHS 1
0
0
0
1
1
SVHS 2
0
0
1
0
0
SVHS 3
0
0
1
0
1
SVHS 4
0
0
1
1
0
SVHS 5
0
0
1
1
1
SVHS 6
0
1
0
0
0
SVHS 7
0
1
0
0
1
SVHS 8
0
1
0
1
0
SVHS 9
0
1
0
1
1
SVHS 10
0
1
1
0
0
SVHS 11
0
1
1
0
1
SVHS 12
0
1
1
1
0
SVHS 13
0
1
1
1
1
SVHS 14
1
0
0
0
0
SVHS 15
1
0
0
0
1
SVHS 16
1
0
0
1
0
SVHS 17
1
0
0
1
1
SVHS 18 (CCIR 601)
1
0
1
0
0
Reserved, do not use
~
~
~
~
~
Reserved, do not use
1
1
1
1
1
Reserved, do not use
Reserved
0
0
Set to default
WYSFMOVR; enables use of the
automatic WYSFM filter
0
Autoselection of best filter
1
Manual select filter using
WYSFM[4:0]
0x19
Comb filter
control
PSFSEL[1:0]; controls the signal
bandwidth that is fed to the
comb filters (PAL)
0
0
Narrow
0
1
Medium
1
0
Wide
1
1
Widest
NSFSEL[1:0]; controls the signal
bandwidth that is fed to the
comb filters (NTSC)
0
0
Narrow
0
1
Medium
1
0
Medium
1
1
Wide
Reserved
1
1
1
1
0x1D
ADI Control 2
Reserved
0
0
0
x
x
x
Reserved
1
TRI_LLC; tristate LLC driver
0
LLC pin active
1
LLC pin tristated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com