Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 45Page - Analog Devices ADV7182 Datasheet HTML 46Page - Analog Devices ADV7182 Datasheet HTML 47Page - Analog Devices ADV7182 Datasheet HTML 48Page - Analog Devices ADV7182 Datasheet HTML 49Page - Analog Devices ADV7182 Datasheet HTML 50Page - Analog Devices ADV7182 Datasheet HTML 51Page - Analog Devices ADV7182 Datasheet HTML 52Page - Analog Devices ADV7182 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
Data Sheet
ADV7182
Rev. A | Page 49 of 96
The VBI data standard that the VDP decodes on a particular line of
incoming video has been set by default as described in Table 75.
This can be overridden manually and any VBI data can be decoded
on any line. The details of manual programming are described in
Table 76.
VDP Default Configuration
The VDP can decode different VBI data standards on a line-to-
line basis. The various standards supported by default on different
lines of VBI are explained in Table 75.
VDP Manual Configuration
MAN_LINE_PGM, Enable Manual Line Programming of
VBI Standards, Address 0x64[7], Interrupt/VDP Map
The user can configure the VDP to decode different standards on
a line-to-line basis through manual line programming. For this, set
the MAN_LINE_PGM bit. The user must write into all the line
programming registers, VBI_DATA_Px_Ny and VBI_DATA_Px
(see Register 0x64 to Register 0x77 in Table 97).
When MAN_LINE_PGM is set to 0 (default), the VDP decodes
default standards on lines, as shown in Table 75.
When MAN_LINE_PGM is set to 1, the VBI standards to be
decoded are manually programmed.
VBI_DATA_Px_Ny[3:0], VBI_DATA_Px[3:0], VBI Standard
to be Decoded on Line X for PAL, Line Y for NTSC,
Address 0x64 to Address 0x77, Interrupt/VDP Map
These are related 4-bit clusters in Register 0x64 to Register 0x77
of the Interrupt/VDP Map Details (see Table 94). These 4-bit, line
programming registers, VBI_DATA_Px_Ny and VBI_DATA_Px,
identify the VBI data standard that is decoded on Line X in PAL
mode or on Line Y in NTSC mode. The different types of VBI
standards decoded by VBI_DATA_Px_Ny and VBI_DATA_Px
are shown in Table 76. Note that the X or Y value depends on
whether the ADV7182 is in PAL or NTSC mode.
Table 75. Default Standards on Lines for PAL and NTSC
PAL—625/50
NTSC—525/60
Line No.
Default VBI
Data Decoded
Line No.
Default VBI
Data Decoded
Line No.
Default VBI
Data Decoded
Line No.
Default VBI
Data Decoded
6
WST
318
Reserved
23
Reserved
286
Reserved
7
WST
319
WST
24
Reserved
287
Reserved
8
WST
320
WST
25
Reserved
288
Reserved
9
WST
321
WST
10
NABTS
272
NABTS
10
WST
322
WST
11
NABTS
273
NABTS
11
WST
323
WST
12
NABTS
274
NABTS
12
WST
324
WST
13
NABTS
275
NABTS
13
WST
325
WST
14
Reserved
276
NABTS
14
WST
326
WST
15
NABTS
277
Reserved
15
WST
327
WST
16
Reserved
278
NABTS
16
Reserved
328
WST
17
NABTS
279
Reserved
17
Reserved
329
Reserved
18
NABTS
280
NABTS
18
Reserved
332
Reserved
19
NABTS
281
NABTS
19
Reserved
333
WST
20
CGMS
282
NABTS
20
WST
334
WST
21
CCAP
283
CGMS
21
WST
335
CCAP
22 + full
odd field
NABTS
284
CCAP
22
CCAP
336
WST
Reserved
Reserved
285 + full
even field
NABTS
23
WSS
337 + full
even field
WST
Reserved
Reserved
Reserved
Reserved
24 + full
odd field
WST
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 76. VBI Data Standards for Manual Configuration
VBI_DATA_Px_Ny
PAL—625/50
NTSC—525/60
0000
Disable VDP
Disable VDP
0001
Teletext system identified by VDP_TTXT_TYPE
Teletext system identified by VDP_TTXT_TYPE
0010
Reserved
Reserved
0011
Reserved
Reserved
0100
WSS ITU-R BT.1119-1/ETSI.EN.300294
CGMS EIA-J CPR-1204/IEC 61880
0101
Reserved
Reserved
0110
Reserved
Reserved
0111
CCAP
CCAP EIA-608
1000 to 1111
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com