Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 71 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 67Page - Analog Devices ADV7182 Datasheet HTML 68Page - Analog Devices ADV7182 Datasheet HTML 69Page - Analog Devices ADV7182 Datasheet HTML 70Page - Analog Devices ADV7182 Datasheet HTML 71Page - Analog Devices ADV7182 Datasheet HTML 72Page - Analog Devices ADV7182 Datasheet HTML 73Page - Analog Devices ADV7182 Datasheet HTML 74Page - Analog Devices ADV7182 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
Data Sheet
ADV7182
Rev. A | Page 71 of 96
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x14
Analog clamp
control
FREE_RUN_PAT_SEL[2:0]
0
0
0
Single color set by DEF_C and
DEF_Y; see Color Controls section
0
0
1
100% color bars
0
1
0
Luma ramp
1
0
1
Boundary box
Reserved
0
Sets to default
CCLEN; current clamp enable
allows the user to switch off the
current sources in the analog
front
0
Current sources switched off
1
Current sources enabled
Reserved
0
0
0
Sets to default
0x15
Digital Clamp
Control 1
Reserved
x
x
x
x
Sets to default
DCFE; digital clamp freeze
enable
0
Digital clamp on
1
Digital clamp off
DCT[1:0]; digital clamp timing
determines the time constant of
the digital fine clamp circuitry
0
0
Slow (TC = 1 sec)
0
1
Medium (TC = 0.5 sec)
1
0
Fast (TC = 0.1 sec)
1
1
TC dependent on video
Reserved
0
Set to default
0x17
Shaping Filter
Control 1
YSFM[4:0]; selects Y shaping filter
mode in CVBS-only mode; allows
the user to select a wide range
of low-pass/notch filters; if
either auto mode is selected, the
decoder selects the optimum
Y filter depending on the CVBS
video source quality (good vs.
poor)
0
0
0
0
0
Autowide notch for poor quality
sources or wideband filter with
comb for good quality input
Decoder selects
optimum Y shaping
filter depending on
CVBS quality
0
0
0
0
1
Autonarrow notch for poor
quality sources or wideband filter
with comb for good quality input
0
0
0
1
0
SVHS 1
If one of these
modes is selected,
the decoder does
not change filter
modes; depending
on video quality, a
fixed filter response
(the one selected) is
used for good and
bad quality video
0
0
0
1
1
SVHS 2
0
0
1
0
0
SVHS 3
0
0
1
0
1
SVHS 4
0
0
1
1
0
SVHS 5
0
0
1
1
1
SVHS 6
0
1
0
0
0
SVHS 7
0
1
0
0
1
SVHS 8
0
1
0
1
0
SVHS 9
0
1
0
1
1
SVHS 10
0
1
1
0
0
SVHS 11
0
1
1
0
1
SVHS 12
0
1
1
1
0
SVHS 13
0
1
1
1
1
SVHS 14
1
0
0
0
0
SVHS 15
1
0
0
0
1
SVHS 16
1
0
0
1
0
SVHS 17
1
0
0
1
1
SVHS 18 (CCIR 601)
1
0
1
0
0
PAL NN1
1
0
1
0
1
PAL NN2
1
0
1
1
0
PAL NN3
1
0
1
1
1
PAL WN1
1
1
0
0
0
PAL WN2
1
1
0
0
1
NTSC NN1
1
1
0
1
0
NTSC NN2
1
1
0
1
1
NTSC NN3
1
1
1
0
0
NTSC WN1
1
1
1
0
1
NTSC WN2
1
1
1
1
0
NTSC WN3
1
1
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com