Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 23Page - Analog Devices ADV7182 Datasheet HTML 24Page - Analog Devices ADV7182 Datasheet HTML 25Page - Analog Devices ADV7182 Datasheet HTML 26Page - Analog Devices ADV7182 Datasheet HTML 27Page - Analog Devices ADV7182 Datasheet HTML 28Page - Analog Devices ADV7182 Datasheet HTML 29Page - Analog Devices ADV7182 Datasheet HTML 30Page - Analog Devices ADV7182 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
Data Sheet
ADV7182
Rev. A | Page 27 of 96
Y Shaping Filter
For input signals in CVBS format, the luma shaping filters play
an essential role in removing the chroma component from a
composite signal. Y/C separation must aim for best possible
crosstalk reduction while still retaining as much bandwidth
(especially on the luma component) as possible. High quality
Y/C separation can be achieved by using the internal comb
filters of the ADV7182. Comb filtering, however, relies on the
frequency relationship of the luma component (multiples of the
video line rate) and the color subcarrier (fSC). For good quality
CVBS signals, this relationship is known; the comb filter algorithms
can be used to separate luma and chroma with high accuracy.
In the case of nonstandard video signals, the frequency relationship
may be disturbed, and the comb filters may not be able to remove
all crosstalk artifacts in the best fashion without the assistance
of the shaping filter block.
An automatic mode is provided that allows the ADV7182 to
evaluate the quality of the incoming video signal and select the
filter responses in accordance with the signal quality and video
standard. YFSM, WYSFMOVR, and WYSFM allow the user to
manually override the automatic decisions in part or in full.
The luma shaping filter has the following control bits.
•
YSFM[4:0] allows the user to manually select a shaping
filter mode (applied to all video signals) or to enable an
automatic selection (depending on video quality and video
standard).
•
WYSFMOVR allows the user to manually override the
WYSFM decision.
•
WYSFM[4:0] allows the user to select a different shaping
filter mode for good quality composite (CVBS), component
(YPrPb), and SVHS (Y/C) input signals.
In automatic mode, the system preserves the maximum possible
bandwidth for good CVBS sources (because they can be successfully
combed) as well as for luma components of YPrPb and Y/C
sources (because they need not be combed). For poor quality
signals, the system selects from a set of proprietary shaping
filter responses that complements comb filter operation to
reduce visual artifacts.
The decisions of the control logic are shown in Figure 17.
YSFM[4:0], Y Shaping Filter Mode, Address 0x17[4:0]
The Y shaping filter mode bits allow the user to select from
a wide range of low-pass and notch filters. When switched in
automatic mode, the filter selection is based on other register
selections, such as detected video standard, as well as properties
extracted from the incoming video itself, such as quality and time
base stability. The automatic selection always selects the widest
possible bandwidth for the video input encountered. (See Table 36.)
The Y-shaping filter mode operates as follows:
•
If the YSFM settings specify a filter (that is, YSFM is set to
values other than 00000 or 00001), the chosen filter is
applied to all video, regardless of its quality.
•
In automatic selection mode, the notch filters are only used
for bad quality video signals. For all other video signals,
wideband filters are used.
WYSFMOVR, Wideband Y Shaping Filter Override,
Address 0x18[7]
Setting the WYSFMOVR bit enables the use of the WYSFM[4:0]
settings for good quality video signals. For more information on
luma shaping filters, see the Y Shaping Filter section and the
flowchart shown in Figure 17.
When WYSFMOVR is set to 0, the shaping filter for good quality
video signals is selected automatically.
Setting WYSFMOVR is set to 1 (default), it enables manual
override via WYSFM[4:0].
Figure 17. YSFM and WYSFM Control Flowchart
AUTO SELECT LUMA
SHAPING FILTER TO
COMPLEMENT COMB
SET YSFM
YSFM IN AUTO MODE?
00000 OR 00001
VIDEO
QUALITY
BAD
GOOD
SELECT WIDEBAND
FILTER AS PER
WYSFM[4:0]
SELECT AUTOMATIC
WIDEBAND FILTER
WYSFMOVR
1
0
USE YSFM SELECTED
FILTER REGARDLESS OF
VIDEO QUALITY
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com