Electronic Components Datasheet Search
  English  ▼

X  

ADV7182 Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7182
Description  10-Bit, SDTV Video Decoder with Differential Inputs
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7182 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7182 Datasheet HTML 28Page - Analog Devices ADV7182 Datasheet HTML 29Page - Analog Devices ADV7182 Datasheet HTML 30Page - Analog Devices ADV7182 Datasheet HTML 31Page - Analog Devices ADV7182 Datasheet HTML 32Page - Analog Devices ADV7182 Datasheet HTML 33Page - Analog Devices ADV7182 Datasheet HTML 34Page - Analog Devices ADV7182 Datasheet HTML 35Page - Analog Devices ADV7182 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
ADV7182
Data Sheet
Rev. A | Page 32 of 96
BETACAM, Enable Betacam Levels, Address 0x01[5]
If YPrPb data is routed through the ADV7182, the automatic
gain control modes can target different video input levels, as
outlined in Table 46. The BETACAM bit is valid only if the input
mode is YPrPb (component). The BETACAM bit sets the target
value for AGC operation.
A review of the following sections is useful:
•
The MAN_MUX_EN, Manual Input Muxing Enable,
Address 0xC4[7] section for how component video
(YPrPb) can be routed through the ADV7182.
•
The Video Standard Selection section to select the various
standards, for example, with and without pedestal.
The AGC algorithms adjust the levels based on the setting of
the BETACAM bit (see Table 45).
PW_UPD, Peak White Update, Address 0x2B[0]
The peak white and average video algorithms determine the
gain based on measurements taken from the active video. The
PW_UPD bit determines the rate of gain change. LAGC[2:0] must
be set to the appropriate mode to enable the peak white or average
video mode in the first place. For more information, see the
LAGC[2:0], Luma Automatic Gain Control, Address 0x2C[6:4]
section.
Setting PW_UPD to 0 updates the gain once per video line.
Setting PW_UPD to 1 (default) updates the gain once per field.
Chroma Gain
CAGC[1:0], Chroma Automatic Gain Control,
Address 0x2C[1:0]
The two bits of the color automatic gain control mode select the
basic mode of operation for the automatic gain control in the
chroma path.
Table 43. CAGC Function
CAGC[1:0]
Description
00
Manual fixed gain (use CMG[11:0])
01
Use Luma gain for chroma
10 (default)
Automatic gain (based on color burst)
11
Freeze chroma gain
CAGT[1:0], Chroma Automatic Gain Timing,
Address 0x2D[7:6]
The chroma automatic gain timing register allows the user to
influence the tracking speed of the chroma automatic gain
control. This register has an effect only if the CAGC[1:0] bits
are set to 10 (automatic gain).
Table 44. CAGT Function
CAGT[1:0]
Description
00
Slow (TC = 2 sec)
01
Medium (TC = 1 sec)
10
Reserved
11 (default)
Adaptive
Table 45. BETACAM Function
BETACAM
Description
0 (default)
Assuming YPrPb is selected as input format:
Selecting PAL with pedestal selects MII.
Selecting PAL without pedestal selects SMPTE.
Selecting NTSC with pedestal selects MII.
Selecting NTSC without pedestal selects SMPTE.
1
Assuming YPrPb is selected as input format:
Selecting PAL with pedestal selects BETACAM.
Selecting PAL without pedestal selects BETACAM variant.
Selecting NTSC with pedestal selects BETACAM.
Selecting NTSC without pedestal selects BETACAM variant.
Table 46. BETACAM Levels
Name
BETACAM (mV)
BETACAM Variant (mV)
SMPTE (mV)
MII (mV)
Y
0 to +714 (including 7.5% pedestal)
0 to +714
0 to +700
0 to +700 (including 7.5% pedestal)
Pb and Pr
−467 to +467
−505 to +505
−350 to +350
−324 to +324
Sync Depth
+286
+286
+300
+300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com