Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 4 Page - Texas Instruments

  OPA548F Datasheet HTML 1Page - Texas Instruments OPA548F Datasheet HTML 2Page - Texas Instruments OPA548F Datasheet HTML 3Page - Texas Instruments OPA548F Datasheet HTML 4Page - Texas Instruments OPA548F Datasheet HTML 5Page - Texas Instruments OPA548F Datasheet HTML 6Page - Texas Instruments OPA548F Datasheet HTML 7Page - Texas Instruments OPA548F Datasheet HTML 8Page - Texas Instruments OPA548F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
OPA548
4
SBOS070B
www.ti.com
TYPICAL CHARACTERISTICS
At TCASE = +25°C, VS = ±30V and E/S pin open, unless otherwise noted.
1
10
100
1k
10k
100k
1M
10M
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
OPEN-LOOP GAIN AND PHASE
vs FREQUENCY
φ
G
No
Load
R
L = 8Ω
R
L = 8Ω
No Load
0
±5
±10
±15
±20
±25
±30
±5
±4
±3
±2
±1
0
Supply Voltage (V)
CURRENT LIMIT vs SUPPLY VOLTAGE
R
CL = 4.02kΩ
R
CL = 14.7kΩ
R
CL = 57.6kΩ
–75
–50
–25
0
25
50
75
100
125
–160
–140
–120
–100
–80
–60
–40
Temperature (
°C)
INPUT BIAS CURRENT vs TEMPERATURE
V
S = ±5V
V
S = ±30V
–30
–20
–10
0
102030
–200
–150
–100
–50
0
Common-Mode Voltage (V)
INPUT BIAS CURRENT
vs COMMON-MODE VOLTAGE
–75
–50
–25
0
25
50
75
100
125
±20
±18
±16
±14
±12
±10
±8
±6
±4
Temperature (
°C)
QUIESCENT CURRENT vs TEMPERATURE
V
S = ±5V
I
Q
V
S = ±30V
V
S = ±5V
V
S = ±30V
I
Q Shutdown
–75
–50
–25
0
25
50
75
100
125
±5
±4
±3
±2
±1
0
Temperature (
°C)
CURRENT LIMIT vs TEMPERATURE
R
CL = 4.02kΩ
R
CL = 14.7kΩ
R
CL = 57.6kΩ
+I
LIM
–I
LIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com