Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA548F Datasheet HTML 6Page - Texas Instruments OPA548F Datasheet HTML 7Page - Texas Instruments OPA548F Datasheet HTML 8Page - Texas Instruments OPA548F Datasheet HTML 9Page - Texas Instruments OPA548F Datasheet HTML 10Page - Texas Instruments OPA548F Datasheet HTML 11Page - Texas Instruments OPA548F Datasheet HTML 12Page - Texas Instruments OPA548F Datasheet HTML 13Page - Texas Instruments OPA548F Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
OPA548
10
SBOS070B
www.ti.com
THERMAL RESISTANCE vs
CIRCUIT BOARD COPPER AREA
50
40
30
20
10
0
012345
Copper Area (inches2)
OPA548F
Surface Mount Package
1oz copper
Circuit Board Copper Area
OPA548
Surface-Mount Package
FIGURE 5. TO-220 Thermal Resistance vs Aluminum Plate Area.
FIGURE 6. DDPAK Thermal Resistance vs Circuit Board Copper Area.
conducting output transistor. Power dissipation can be mini-
mized by using the lowest possible power-supply voltage
necessary to assure the required output voltage swing.
For resistive loads, the maximum power dissipation occurs at
a dc output voltage of one-half the power-supply voltage.
Dissipation with ac signals is lower. Application Bulletin
SBOA022 explains how to calculate or measure power
dissipation with unusual signals and loads.
THERMAL PROTECTION
Power dissipated in the OPA548 will cause the junction
temperature to rise. The OPA548 has thermal shutdown
circuitry that protects the amplifier from damage. The thermal
protection circuitry disables the output when the junction
temperature reaches approximately 160
°C, allowing the de-
vice to cool. When the junction temperature cools to approxi-
mately 140
°C, the output circuitry is again enabled. Depend-
ing on load and signal conditions, the thermal protection
circuit may cycle on and off. This limits the dissipation of the
amplifier but may have an undesirable effect on the load.
Any tendency to activate the thermal protection circuit indi-
cates excessive power dissipation or an inadequate heat
sink. For reliable operation, junction temperature should be
limited to 125
°C, maximum. To estimate the margin of safety
in a complete design (including heat sink) increase the
ambient temperature until the thermal protection is triggered.
Use worst-case load and signal conditions. For good reliabil-
ity, thermal protection should trigger more than 35
°C above
the maximum expected ambient condition of your applica-
tion. This produces a junction temperature of 125
°C at the
maximum expected ambient condition.
The internal protection circuitry of the OPA548 was designed
to protect against overload conditions. It was not intended to
replace proper heat sinking. Continuously running the OPA548
into thermal shutdown will degrade reliability.
0
1
234567
8
18
16
14
12
10
8
Aluminum Plate Area (inches2)
THERMAL RESISTANCE
vs ALUMINUM PLATE AREA
Aluminum Plate Area
Flat, Rectangular
Aluminum Plate
OPA548
TO220 Package
0.030in Al
0.062in Al
0.050in Al
Vertically Mounted
in Free Air
Optional mica or film insulator
for electrical isolation. Adds
approximately 1
°C/W.
Aluminum
Plate Thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com