Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 5 Page - Texas Instruments

  OPA548F Datasheet HTML 1Page - Texas Instruments OPA548F Datasheet HTML 2Page - Texas Instruments OPA548F Datasheet HTML 3Page - Texas Instruments OPA548F Datasheet HTML 4Page - Texas Instruments OPA548F Datasheet HTML 5Page - Texas Instruments OPA548F Datasheet HTML 6Page - Texas Instruments OPA548F Datasheet HTML 7Page - Texas Instruments OPA548F Datasheet HTML 8Page - Texas Instruments OPA548F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
OPA548
5
SBOS070B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TCASE = +25°C, VS = ±30V and E/S pin open, unless otherwise noted.
10
100
1k
10k
100k
1M
100
80
60
40
20
0
Frequency (Hz)
COMMON-MODE REJECTION vs FREQUENCY
–75
–50
–25
0
25
50
75
100
125
1.25
1
0.75
0.5
0.25
0
13
12
11
10
9
8
Temperature (
°C)
GAIN-BANDWIDTH PRODUCT AND
SLEW RATE vs TEMPERATURE
SR+
SR–
GBW
1
10
100
1k
10k
100k
1M
500
400
300
200
100
0
Frequency (Hz)
VOLTAGE NOISE DENSITY vs FREQUENCY
20
100
1k
10k
20k
1
0.1
0.01
0.001
Frequency (Hz)
TOTAL HARMONIC DISTORTION+NOISE
vs FREQUENCY
G = +3
R
L = 8Ω
0.1W
1W
10W
20W
10
100
1k
10k
100k
1M
100
80
60
40
20
0
Frequency (Hz)
POWER-SUPPLY REJECTION
vs FREQUENCY
+PSRR
–PSRR
–75
–50
–25
0
25
50
75
100
A
OL
125
100
95
90
85
80
110
105
100
95
90
Temperature (
°C)
OPEN-LOOP GAIN, COMMON-MODE REJECTION,
AND POWER-SUPPLY REJECTION vs TEMPERATURE
CMRR
PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com