Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA548F Datasheet HTML 2Page - Texas Instruments OPA548F Datasheet HTML 3Page - Texas Instruments OPA548F Datasheet HTML 4Page - Texas Instruments OPA548F Datasheet HTML 5Page - Texas Instruments OPA548F Datasheet HTML 6Page - Texas Instruments OPA548F Datasheet HTML 7Page - Texas Instruments OPA548F Datasheet HTML 8Page - Texas Instruments OPA548F Datasheet HTML 9Page - Texas Instruments OPA548F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
OPA548
6
SBOS070B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TCASE = +25°C, VS = ±30V and E/S pin open, unless otherwise noted.
012
3
4
5
4
3
2
1
0
Output Current (A)
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V+) –V
O
(V–) –V
O
5
4
3
2
1
0
Temperature (
°C)
OUTPUT VOLTAGE SWING vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
I
O = +3A
I
O = –3A
I
O = +0.6A
I
O = –0.6A
1k
10k
100k
1M
30
25
20
15
10
5
0
Frequency (Hz)
MAXIMUM OUTPUT VOLTAGE SWING
vs FREQUENCY
Maximum Output
Voltage Without
Slew Rate Induced
Distortion
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (mV)
–10 –9 –8 –7 –6 –5 –4 –3 –2 –1 0123456789 10
20
18
16
14
12
10
8
6
4
2
0
Typical distribution
of packaged units.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
0
10
20
30
40
50
60
70
80
90 100 110 120 130
–40
–30
–20
–10
0
10
20
40
30
10
5
0
–5
–10
Output Voltage (V)
OUTPUT LEAKAGE CURRENT
vs APPLIED OUTPUT VOLTAGE
R
L = 8Ω
Output Disabled
V
E/S < (V–) + 0.8V
R
CL = ∞
R
CL = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com