Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA548F Datasheet HTML 12Page - Texas Instruments OPA548F Datasheet HTML 13Page - Texas Instruments OPA548F Datasheet HTML 14Page - Texas Instruments OPA548F Datasheet HTML 15Page - Texas Instruments OPA548F Datasheet HTML 16Page - Texas Instruments OPA548F Datasheet HTML 17Page - Texas Instruments OPA548F Datasheet HTML 18Page - Texas Instruments OPA548F Datasheet HTML 19Page - Texas Instruments OPA548F Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
OPA548
16
SBOS070B
www.ti.com
I
LIM
V–
V+
R
1
1k
Ω
R
2
4k
Ω
OPA548
OPA548
V
O
I
O = 10A (peak)
(2)
G = 1 +
= 5(1)
V
IN
800
Ω
800
Ω
0.25
Ω
4k
Ω
1k
Ω
0.25
Ω
NOTES: (1) Works well for G < 10. Input offset causes output current to flow between amplifiers
with G > 10. Gains (resistor ratios) of the two amplifiers should be carefully matched to ensure
equal current sharing. (2) As configured (I
LIM connected to V–) output current limit is set to 10A
(peak). Each amplifier is limited to 5A (peak). Other current limit values may be obtained, see
Figure 3, “Adjustable Current Limit”.
I
LIM
V–
V+
R
3
1k
Ω
R
4
4k
Ω
FIGURE 21. Parallel Output for Increased Output Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com