Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA548F Datasheet HTML 7Page - Texas Instruments OPA548F Datasheet HTML 8Page - Texas Instruments OPA548F Datasheet HTML 9Page - Texas Instruments OPA548F Datasheet HTML 10Page - Texas Instruments OPA548F Datasheet HTML 11Page - Texas Instruments OPA548F Datasheet HTML 12Page - Texas Instruments OPA548F Datasheet HTML 13Page - Texas Instruments OPA548F Datasheet HTML 14Page - Texas Instruments OPA548F Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OPA548
11
SBOS070B
www.ti.com
HEAT SINKING
Most applications require a heat sink to assure that the
maximum operating junction temperature (125
°C) is not
exceeded. In addition, the junction temperature should be
kept as low as possible for increased reliability. Junction
temperature can be determined according to the equation:
TJ = TA + PDθJA
(1)
where,
θ
JA = θJC + θCH + θHA
(2)
TJ = Junction Temperature (°C)
TA = Ambient Temperature (°C)
PD = Power Dissipated (W)
θ
JC = Junction-to-Case Thermal Resistance (°C/W)
θ
CH = Case-to-Heat Sink Thermal Resistance (°C/W)
θ
HA = Heat Sink-to-Ambient Thermal Resistance (°C/W)
θ
JA = Junction-to-Air Thermal Resistance (°C/W)
Figure 7 shows maximum power dissipation versus ambient
temperature with and without the use of a heat sink. Using a
heat sink significantly increases the maximum power dissipa-
tion at a given ambient temperature as shown.
The difficulty in selecting the heat sink required lies in
determining the power dissipated by the OPA548. For dc
output into a purely resistive load, power dissipation is simply
the load current times the voltage developed across the
conducting output transistor, PD = IL(VS–VO). Other loads are
not as simple. Consult Application Bulletin SBOA022 for
further insight on calculating power dissipation. Once power
dissipation for an application is known, the proper heat sink
can be selected.
Combining equations (1) and (2) gives:
TJ = TA + PD(θJC + θCH + θHA)
(3)
TJ, TA, and PD are given. θJC is provided in the specification
table, 2.5
°C/W (dc).
θ
CH can be obtained from the heat sink
manufacturer. Its value depends on heat sink size, area, and
material used. Semiconductor package type, mounting screw
torque, insulating material used (if any), and thermal
joint compound used (if any) also affect
θ
CH. A typical θCH for
a TO-220 mounted package is 1
°C/W. Now we can solve for
θ
HA:
θθ
θ
θ
HA
JA
D
JC
CH
HA
TT
P
CC
W
CW
CW
CW
=+
(
)
=
°°
°+ °
(
) =°
–
–
–
–
./
/
.
/
125
40
5
25
1
135
To maintain junction temperature below 125
°C, the heat sink
selected must have a
θ
HA less than 14°C/W. In other words,
the heat sink temperature rise above ambient must be less
than 67.5
°C (13.5°C/W • 5W). For example, at 5W Thermalloy
model number 6030B has a heat sink temperature rise of
66
°C above ambient (
θ
HA = 66°C/5W = 13.2°C/W), which is
below the 67.5
°C required in this example. Figure 7 shows
power dissipation versus ambient temperature for a TO-220
package with a 6030B heat sink.
Another variable to consider is natural convection versus
forced convection air flow. Forced-air cooling by a small fan
can lower
θ
CA (θCH + θHA) dramatically. Heat sink manufac-
tures provide thermal data for both of these cases. For
additional information on determining heat sink requirements,
consult Application Bulletin SBOA021.
As mentioned earlier, once a heat sink has been selected,
the complete design should be tested under worst-case load
and signal conditions to ensure proper thermal protection.
ENABLE/STATUS (E/S) PIN
The Enable/Status pin provides two functions: forcing this pin
LOW disables the output stage, or E/S can be monitored to
determine if the OPA548 is in thermal shutdown. One or both
of these functions can be utilized on the same device using
single or dual supplies. For normal operation (output en-
abled), the E/S pin can be left open or pulled HIGH (at least
2.4V above the negative rail). A small value capacitor con-
nected between the E/S pin and V– may be required for noisy
applications.
Output Disable
A unique feature of the OPA548 is its output disable capabil-
ity. This function not only conserves power during idle peri-
ods (quiescent current drops to approximately 6mA), but also
allows multiplexing in low frequency (f < 20kHz), multichan-
nel applications. Signals greater than 20kHz may cause
leakage current to increase in devices that are shutdown.
Figure 18 shows the two OPA548s in a switched amplifier
configuration. The on/off state of the two amplifiers is con-
trolled by the voltage on the E/S pin.
Heat Sink Selection Example
A TO-220 package is dissipating 5W. The maximum ex-
pected ambient temperature is 40
°C. Find the proper heat
sink to keep the junction temperature below 125
°C (150°C
minus 25
°C safety margin).
FIGURE 7. Maximum Power Dissipation vs Ambient
Temperature.
10
8
6
4
2
0
0
25
50
75
100
125
Ambient Temperature (
°C)
MAXIMUM POWER DISSIPATION
vs AMBIENT TEMPERATURE
TO220 with Thermalloy
6030B Heat Sink
JA = 16.7°C/W
P
D = (TJ (max) – TA) /
JA
T
J (max) = 150°C
With infinite heat sink
(
JA = 2.5°C/W),
max P
D = 50W at TA = 25°C.
θ
θ
DDPAK
JA = 26°C/W
(3 in2 one oz
copper mounting pad)
θ
DDPAK or TO-220
JA = 65°C/W (no heat sink)
θ
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com