Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA548F Datasheet HTML 5Page - Texas Instruments OPA548F Datasheet HTML 6Page - Texas Instruments OPA548F Datasheet HTML 7Page - Texas Instruments OPA548F Datasheet HTML 8Page - Texas Instruments OPA548F Datasheet HTML 9Page - Texas Instruments OPA548F Datasheet HTML 10Page - Texas Instruments OPA548F Datasheet HTML 11Page - Texas Instruments OPA548F Datasheet HTML 12Page - Texas Instruments OPA548F Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OPA548
9
SBOS070B
www.ti.com
DDPAK-7(1)
(Package Designator KTW)
TO220-7
(Package Designator KVT)
NOTE: (1) For improved thermal performance increase footprint area.
See Figure 6, “Thermal Resistance vs Circuit Board Copper Area”.
Mean dimensions in inches. Refer to end of data sheet
or www.ti.com for tolerances and detailed package
drawings.
0.05
0.51
0.105
0.05
0.035
0.04
heat dissipation. See Figure 6 for typical thermal resistance
from junction-to-ambient as a function of the copper area.
POWER DISSIPATION
Power dissipation depends on power supply, signal, and load
conditions. For dc signals, power dissipation is equal to
the product of output current times the voltage across the
mounting surface with a mica (or other film) insulator (see
Figure 5). For lowest overall thermal resistance it is best to
isolate the entire heat sink/OPA548 structure from the mount-
ing surface rather than to use an insulator between the
semiconductor and heat sink.
For best thermal performance, the tab of the DDPAK sur-
face-mount version should be soldered directly to a circuit
board copper area. Increasing the copper area improves
13750
Ω
R
CL
0.01
µF
(optional, for noisy
environments)
3
4
3
4
4.75V
R
CL =
– 13750
Ω
OPA547 CURRENT LIMIT: 0 to 5A
NOTE: (1) Resistors are nearest standard 1% values.
DESIRED
CURRENT LIMIT
0A
1A
2.5A
3A
4A
5A
RESISTOR(1)
(R
CL)
I
LIM Open
57.6k
Ω
14.7k
Ω
10k
Ω
4.02k
Ω
I
LIM Connected to V–
CURRENT
(I
SET)
0
µA
67
µA
167
µA
200
µA
267
µA
333
µA
VOLTAGE
(V
SET)
(V–) + 4.75V
(V–) + 3.8V
(V–) + 2.5V
(V–) + 2V
(V–) + 1.1V
(V–)
RESISTOR METHOD
15000 (4.75V)
I
LIM
V–
13750
Ω
I
SET = ILIM /15000
V
SET = (V–) + 4.75V – (13750Ω) (ILIM)/15000
DAC METHOD (Current or Voltage)
V–
D/A
I
SET
4.75V
±I
LIM =
Max I
O = ILIM
(4.75) (15000)
13750
Ω + R
CL
Max I
O = ILIM
±I
LIM =15000 ISET
FIGURE 3. Adjustable Current Limit.
FIGURE 4. TO-220 and DDPAK Solder Footprints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com