Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 1 Page - Texas Instruments

  OPA548F Datasheet HTML 1Page - Texas Instruments OPA548F Datasheet HTML 2Page - Texas Instruments OPA548F Datasheet HTML 3Page - Texas Instruments OPA548F Datasheet HTML 4Page - Texas Instruments OPA548F Datasheet HTML 5Page - Texas Instruments OPA548F Datasheet HTML 6Page - Texas Instruments OPA548F Datasheet HTML 7Page - Texas Instruments OPA548F Datasheet HTML 8Page - Texas Instruments OPA548F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OPA548
V
IN
–
V
IN
+
V+
E/S
R
CL
R
CL sets the current limit
value from 0 to 5A.
(1/4W Resistor)
I
LIM
V
O
V–
High-Voltage, High-Current
OPERATIONAL AMPLIFIER
DESCRIPTION
The OPA548 is a low-cost, high-voltage/high-current opera-
tional amplifier ideal for driving a wide variety of loads. A
laser-trimmed monolithic integrated circuit provides excellent
low-level signal accuracy and high output voltage and cur-
rent.
The OPA548 operates from either single or dual supplies for
design flexibility. In single-supply operation, the input com-
mon-mode range extends below ground.
The OPA548 is internally protected against over-temperature
conditions and current overloads. In addition, the OPA548
was designed to provide an accurate, user-selected current
limit. Unlike other designs which use a “power” resistor in
series with the output current path, the OPA548 senses the
load indirectly. This allows the current limit to be adjusted
from 0A to 5A with a resistor/potentiometer or controlled
digitally with a voltage-out or current-out DAC.
The Enable/Status (E/S) pin provides two functions. An input
on the pin not only disables the output stage to effectively
disconnect the load, but also reduces the quiescent current
to conserve power. The E/S pin output can be monitored to
determine if the OPA548 is in thermal shutdown.
The OPA548 is available in an industry-standard
7-lead staggered and straight lead TO-220 package, and a
7-lead DDPAK surface-mount plastic power package. The
copper tab allows easy mounting to a heat sink or circuit
board for excellent thermal performance. It is specified for
operation over the extended industrial temperature range,
–40
°C to +85°C. A SPICE macromodel is available for
design analysis.
FEATURES
q WIDE SUPPLY RANGE
Single Supply: +8V to +60V
Dual Supply:
±4V to ±30V
q HIGH OUTPUT CURRENT:
3A Continuous
5A Peak
q WIDE OUTPUT VOLTAGE SWING
q FULLY PROTECTED:
Thermal Shutdown
Adjustable Current Limit
q OUTPUT DISABLE CONTROL
q THERMAL SHUTDOWN INDICATOR
q HIGH SLEW RATE: 10V/
µs
q LOW QUIESCENT CURRENT
q PACKAGES:
7-Lead TO-220, Zip and Straight Leads
7-Lead DDPAK Surface-Mount
APPLICATIONS
q VALVE, ACTUATOR DRIVERS
q SYNCHRO, SERVO DRIVERS
q POWER SUPPLIES
q TEST EQUIPMENT
q TRANSDUCER EXCITATION
q AUDIO AMPLIFIERS
OPA548
SBOS070B – OCTOBER 1997 – OCTOBER 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1997-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OPA5
48
OPA
548
OPA5
48


Similar Part No. - OPA548F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA548F BURR-BROWN-OPA548F Datasheet
284Kb / 16P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548F TI1-OPA548F Datasheet
2Mb / 39P
High-Voltage, High-Current Operational Amplifier
OPA548FKTWT TI1-OPA548FKTWT Datasheet
2Mb / 39P
High-Voltage, High-Current Operational Amplifier
OPA548FKTWTG3 TI1-OPA548FKTWTG3 Datasheet
2Mb / 39P
High-Voltage, High-Current Operational Amplifier
More results

Similar Description - OPA548F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
High Voltage, High Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
High-Voltage, High-Current Operational Amplifier
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com