Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA548F Datasheet HTML 10Page - Texas Instruments OPA548F Datasheet HTML 11Page - Texas Instruments OPA548F Datasheet HTML 12Page - Texas Instruments OPA548F Datasheet HTML 13Page - Texas Instruments OPA548F Datasheet HTML 14Page - Texas Instruments OPA548F Datasheet HTML 15Page - Texas Instruments OPA548F Datasheet HTML 16Page - Texas Instruments OPA548F Datasheet HTML 17Page - Texas Instruments OPA548F Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
OPA548
14
SBOS070B
www.ti.com
G = 1 +
= 10
9k
Ω
1k
Ω
9k
Ω
1k
Ω
OPA548
+30V
+5V
+5V
0.12V to 2.5V
0V to 4.75V
Output
Adjust
V+
5
6
Thermal
Shutdown Status
NOTES: (1) For V
O ≤ 0V, V– ≤ –1V.
(2) Optional: Improves noise
immunity.
(LED)
74HCT04
R
≥ 250Ω
E/S
V
O = 1.2V to 25V
(1)
I
O = 0 to 5A
7
4
3
1
2
V–
I
LIM
10.5k
Ω
499
Ω
10k
Ω
Current
Limit
Adjust
1k
Ω
20k
Ω
0.01µF(2)
V–
13750
Ω
R
CL
I
LIM
0.01µF
(Optional, for noisy
environments)
4.75V
I
O =
15000 (4.75V)
13750
Ω + R
CL
V
O = VCL (1 + R2/R1)
V–
V+
V
CL
V
CL =
= 2V
Desired V
O = 20V,
R
1 = 1kΩ and R2 = 9kΩ
G =
= 10
20
2
For Example:
10k
Ω • 4.75V
(10k
Ω + 13750Ω)
If I
LIM = 3A, RCL = 10kΩ
R
2
R
1
Uses voltage developed at I
LIM pin
as a moderately accurate reference
voltage.
FIGURE 16. Resistor-Controlled Programmable Power Supply.
FIGURE 15. Voltage Source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com