Electronic Components Datasheet Search
  English  ▼

X  

OPA548F Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA548F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA548F Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA548F Datasheet HTML 4Page - Texas Instruments OPA548F Datasheet HTML 5Page - Texas Instruments OPA548F Datasheet HTML 6Page - Texas Instruments OPA548F Datasheet HTML 7Page - Texas Instruments OPA548F Datasheet HTML 8Page - Texas Instruments OPA548F Datasheet HTML 9Page - Texas Instruments OPA548F Datasheet HTML 10Page - Texas Instruments OPA548F Datasheet HTML 11Page - Texas Instruments OPA548F Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
OPA548
8
SBOS070B
www.ti.com
APPLICATIONS INFORMATION
Figure 1 shows the OPA548 connected as a basic noninverting
amplifier. The OPA548 can be used in virtually any op amp
configuration.
Power-supply terminals should be bypassed with low series
impedance capacitors. The technique shown in Figure 7,
using a ceramic and tantalum type in parallel is recom-
mended. In addition, we recommend a 0.01
µF capacitor
between V+ and V– as close to the OPA548 as possible.
Power-supply wiring should have low series impedance.
With the OPA548, the simplest method for adjusting the
current limit uses a resistor or potentiometer connected
between the ILIM pin and V– according to the Equation 1:
R
I
CL
LIM
= (
)(
)
15000 4 75
13750
.
–
Ω
The low-level control signal (0
µA to 330µA) also allows the
current limit to be digitally controlled.
See Figure 3 for a simplified schematic of the internal
circuitry used to set the current limit. Leaving the ILIM pin
open programs the output current to zero, while connecting
ILIM directly to V– programs the maximum output current limit,
typically 5A.
SAFE OPERATING AREA
Stress on the output transistors is determined both by the
output current and by the output voltage across the conduct-
ing output transistor, VS – VO. The power dissipated by the
output transistor is equal to the product of the output current
and the voltage across the conducting transistor, VS – VO.
The Safe Operating Area (SOA curve, Figure 2) shows the
permissible range of voltage and current.
FIGURE 1. Basic Circuit Connections.
POWER SUPPLIES
The OPA548 operates from single (+8V to +60V) or dual
(
±4V to ±30V) supplies with excellent performance. Most
behavior remains unchanged throughout the full operating
voltage range. Parameters which vary significantly with oper-
ating voltage are shown in the typical characteristic curves.
Some applications do not require equal positive and negative
output voltage swing. Power-supply voltages do not need to
be equal. The OPA548 can operate with as little as 8V
between the supplies and with up to 60V between the
supplies. For example, the positive supply could be set to
55V with the negative supply at –5V, or vice-versa.
ADJUSTABLE CURRENT LIMIT
The OPA548 features an accurate, user-selected current
limit. Current limit is set from 0A to 5A by controlling the input
to the ILIM pin. Unlike other designs which use a power
resistor in series with the output current path, the OPA548
senses the load indirectly. This allows the current limit to be
set with a 0
µA to 330µA control signal. In contrast, other
designs require a limiting resistor to handle the full output
current (5A in this case).
FIGURE 2. Safe Operating Area.
The safe output current decreases as VS – VO increases.
Output short-circuits are a very demanding case for SOA. A
short-circuit to ground forces the full power-supply voltage
(V+ or V–) across the conducting transistor. Increasing the
case temperature reduces the safe output current that can be
tolerated without activating the thermal shutdown circuit of
the OPA548. For further insight on SOA, consult Application
Bulletin SBOA022.
AMPLIFIER MOUNTING
Figure 4 provides recommended solder footprints for both the
TO-220 and DDPAK power packages. The tab of both pack-
ages is electrically connected to the negative supply, V–. It may
be desirable to isolate the tab of the TO-220 package from its
G = 1+
R
2
R
1
Z
L
E/S
3
7
5
2
1
4
6
R
2
I
LIM
(1)
R
1
0.1
µF(2)
10
µF
OPA548
V–
V+
+
+
V
IN
10
µF
0.1
µF(2)
0.01
µF(2)
V
O
NOTES: (1) I
LIM connected to V– gives the maximum
current limit, 5A (peak). (2) Connect capacitors directly to
package power-supply pins.
12
5
10
V
S – VO (V)
20
50
100
SAFE OPERATING AREA
10
1
0.1
Pulse Operation Only
(Limit rms current to
≤ 3A)
Current-Limited
Output current can
be limited to less
than 3A—see text.
T
C = 125°C
T
C = 85°C
T
C = 25°C
PD
=
5
0W
PD
=
2
6W
PD
=
1
0W
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com