Electronic Components Datasheet Search
  English  ▼

X  

SM01 Datasheet(PDF) 18 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 18 Page - AVX Corporation

Back Button SM01 Datasheet HTML 10Page - AVX Corporation SM01 Datasheet HTML 11Page - AVX Corporation SM01 Datasheet HTML 12Page - AVX Corporation SM01 Datasheet HTML 13Page - AVX Corporation SM01 Datasheet HTML 14Page - AVX Corporation SM01 Datasheet HTML 15Page - AVX Corporation SM01 Datasheet HTML 16Page - AVX Corporation SM01 Datasheet HTML 17Page - AVX Corporation SM01 Datasheet HTML 18Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
25
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles DSCC Dwg. #87106 (X7R)
Electrical characteristics
DSCC
Cap.
Max. A
Dwg.
Value
Cap. Case Lead
Dimension
87106-
(μF)
Tol. Code Style mm (inches)
500V
173
.15
K
5
N
3.05 (0.120)
174
.15
M
5
N
3.05 (0.120)
421
.15
K
5
J
3.05 (0.120)
422
.15
M
5
J
3.05 (0.120)
175
.18
K
5
N
6.10 (0.240)
176
.18
M
5
N
6.10 (0.240)
423
.18
K
5
J
6.10 (0.240)
424
.18
M
5
J
6.10 (0.240)
177
.22
K
5
N
6.10 (0.240)
178
.22
M
5
N
6.10 (0.240)
425
.22
K
5
J
6.10 (0.240)
426
.22
M
5
J
6.10 (0.240)
179
.27
K
5
N
6.10 (0.240)
180
.27
M
5
N
6.10 (0.240)
427
.27
K
5
J
6.10 (0.240)
428
.27
M
5
J
6.10 (0.240)
181
.33
K
5
N
9.14 (0.360)
182
.33
M
5
N
9.14 (0.360)
429
.33
K
5
J
9.14 (0.360)
430
.33
M
5
J
9.14 (0.360)
183
.39
K
5
N
9.14 (0.360)
184
.39
M
5
N
9.14 (0.360)
431
.39
K
5
J
9.14 (0.360)
432
.39
M
5
J
9.14 (0.360)
185
.47
K
5
N
9.14 (0.360)
186
.47
M
5
N
9.14 (0.360)
433
.47
K
5
J
9.14 (0.360)
434
.47
M
5
J
9.14 (0.360)
187
.56
K
5
N
12.2 (0.480)
188
.56
M
5
N
12.2 (0.480)
435
.56
K
5
J
12.2 (0.480)
436
.56
M
5
J
12.2 (0.480)
189
.68
K
5
N
16.5 (0.650)
190
.68
M
5
N
16.5 (0.650)
437
.68
K
5
J
16.5 (0.650)
438
.68
M
5
J
16.5 (0.650)
231
.82
K
4
N
9.14 (0.360)
232
.82
M
4
N
9.14 (0.360)
439
.82
K
4
J
9.14 (0.360)
440
.82
M
4
J
9.14 (0.360)
191
1.0
K
4
N
9.14 (0.360)
192
1.0
M
4
N
9.14 (0.360)
441
1.0
K
4
J
9.14 (0.360)
442
1.0
M
4
J
9.14 (0.360)
193
1.2
K
4
N
9.14 (0.360)
194
1.2
M
4
N
9.14 (0.360)
443
1.2
K
4
J
9.14 (0.360)
444
1.2
M
4
J
9.14 (0.360)
195
1.5
K
4
N
12.2 (0.480)
196
1.5
M
4
N
12.2 (0.480)
445
1.5
K
4
J
12.2 (0.480)
446
1.5
M
4
J
12.2 (0.480)
197
1.8
K
4
N
16.5 (0.650)
198
1.8
M
4
N
16.5 (0.650)
447
1.8
K
4
J
16.5 (0.650)
448
1.8
M
4
J
16.5 (0.650)
233
2.2
K
3
N
6.10 (0.240)
234
2.2
M
3
N
6.10 (0.240)
449
2.2
K
3
J
6.10 (0.240)
450
2.2
M
3
J
6.10 (0.240)
199
2.7
K
3
N
9.14 (0.360)
200
2.7
M
3
N
9.14 (0.360)
451
2.7
K
3
J
9.14 (0.360)
452
2.7
M
3
J
9.14 (0.360)
DSCC
Cap.
Max. A
Dwg.
Value
Cap. Case Lead
Dimension
87106-
(μF)
Tol. Code Style mm (inches)
500V
201
3.3
K
3
N
9.14 (0.360)
202
3.3
M
3
N
9.14 (0.360)
453
3.3
K
3
J
9.14 (0.360)
454
3.3
M
3
J
9.14 (0.360)
203
3.9
K
3
N
9.14 (0.360)
204
3.9
M
3
N
9.14 (0.360)
455
3.9
K
3
J
9.14 (0.360)
456
3.9
M
3
J
9.14 (0.360)
205
4.7
K
3
N
12.2 (0.480)
206
4.7
M
3
N
12.2 (0.480)
457
4.7
K
3
J
12.2 (0.480)
458
4.7
M
3
J
12.2 (0.480)
207
5.6
K
3
N
16.5 (0.650)
208
5.6
M
3
N
16.5 (0.650)
459
5.6
K
3
J
16.5 (0.650)
460
5.6
M
3
J
16.5 (0.650)
235
6.8
K
1
N
12.2 (0.480)
236
6.8
M
1
N
12.2 (0.480)
461
6.8
K
1
J
12.2 (0.480)
462
6.8
M
1
J
12.2 (0.480)
209
8.2
K
1
N
12.2 (0.480)
210
8.2
M
1
N
12.2 (0.480)
463
8.2
K
1
J
12.2 (0.480)
464
8.2
M
1
J
12.2 (0.480)
211
10
K
1
N
12.2 (0.480)
212
10
M
1
N
12.2 (0.480)
465
10
K
1
J
12.2 (0.480)
466
10
M
1
J
12.2 (0.480)
213
12
K
1
N
16.5 (0.650)
214
12
M
1
N
16.5 (0.650)
467
12
K
1
J
16.5 (0.650)
468
12
M
1
J
16.5 (0.650)
237
15
K
2
N
16.5 (0.650)
238
15
M
2
N
16.5 (0.650)
469
15
K
2
J
16.5 (0.650)
470
15
M
2
J
16.5 (0.650)
215
18
K
2
N
16.5 (0.650)
216
18
M
2
N
16.5 (0.650)
471
18
K
2
J
16.5 (0.650)
472
18
M
2
J
16.5 (0.650)
239
22
K
6
N
9.14 (0.360)
240
22
M
6
N
9.14 (0.360)
473
22
K
6
J
9.14 (0.360)
474
22
M
6
J
9.14 (0.360)
217
27
K
6
N
9.14 (0.360)
218
27
M
6
N
9.14 (0.360)
475
27
K
6
J
9.14 (0.360)
476
27
M
6
J
9.14 (0.360)
219
33
K
6
N
12.2 (0.480)
220
33
M
6
N
12.2 (0.480)
477
33
K
6
J
12.2 (0.480)
478
33
M
6
J
12.2 (0.480)
221
39
K
6
N
16.5 (0.650)
222
39
M
6
N
16.5 (0.650)
479
39
K
6
J
16.5 (0.650)
480
39
M
6
J
16.5 (0.650)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com