Electronic Components Datasheet Search
  English  ▼

X  

SM01 Datasheet(PDF) 15 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 15 Page - AVX Corporation

Back Button SM01 Datasheet HTML 10Page - AVX Corporation SM01 Datasheet HTML 11Page - AVX Corporation SM01 Datasheet HTML 12Page - AVX Corporation SM01 Datasheet HTML 13Page - AVX Corporation SM01 Datasheet HTML 14Page - AVX Corporation SM01 Datasheet HTML 15Page - AVX Corporation SM01 Datasheet HTML 16Page - AVX Corporation SM01 Datasheet HTML 17Page - AVX Corporation SM01 Datasheet HTML 18Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
22
Requirement
Test method
Inspection
paragraph of
paragraph of
Sampling procedure
MIL-PRF-49470
MIL-PRF-49470
Subgroup 1
Thermal shock and voltage conditioning 1/
3.9
4.8.5
100% inspection
Subgroup 2
Visual and mechanical examination:
Material
3.4
4.8.4
Physical dimensions
3.1
13 samples
Interface requirements
3.5 and 3.5.1
0 failures
(other than physical dimensions)
Marking 2/3.28
Workmanship
3.30
SMPS Stacked MLC Capacitors
(SM Style) DSCC #87106 and #88011
Table II. Group A inspection.
1/ Post checks are required (see paragraph 3.9 of MIL-PRF-49470).
2/ Marking defects are based on visual examination only. Any subsequent electrical defects shall not
be used as a basis for determining marking defects.
Requirement
Test method
Number of
Number of
Inspection
paragraph of
paragraph of
sample units
defectives
MIL-PRF-49470
MIL-PRF-49470
to be inspected
permitted 2/
Subgroup 1 3/
Temperature coefficient
4/
4/
Resistance to solvents 5/ 6/
3.23
4.8.20
Immersion
3.18
4.8.15
12
1
Terminal strength 5/
3.24
4.8.10
Subgroup 2
Resistance to soldering heat
3.20
4.8.17
12
1
6/ 1
Moisture resistance
3.21
4.8.18
Subgroup 3
Marking legibility
3.28.1
4.8.4.1
6
1
(laser marking only)
Subgroup 4
Solderability
3.15
4.8.12
3
0
Subgroup 5
Life
3.26
4.8.22
5 minimum
0
per case code
1/ Unless otherwise specified herein, when necessary, mounting of group B samples shall be at the
discretion of the manufacturer.
2/ A sample unit having one or more defects shall be charged as a single defective.
3/ Order of tests is at discretion of manufacturer.
4/ See 3.2.3 of DSCC 87106.
5/ Sample size shall be 3 pieces with zero defectives permitted.
6/ Total of one defect allowed for combination of subgroup 1, subgroup 2, and subgroup 3 inspections.
Table III. Group B inspection. 1/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com