Electronic Components Datasheet Search
  English  ▼

X  

SM01 Datasheet(PDF) 5 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 5 Page - AVX Corporation

  SM01 Datasheet HTML 1Page - AVX Corporation SM01 Datasheet HTML 2Page - AVX Corporation SM01 Datasheet HTML 3Page - AVX Corporation SM01 Datasheet HTML 4Page - AVX Corporation SM01 Datasheet HTML 5Page - AVX Corporation SM01 Datasheet HTML 6Page - AVX Corporation SM01 Datasheet HTML 7Page - AVX Corporation SM01 Datasheet HTML 8Page - AVX Corporation SM01 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
12
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles MIL-PRF-49470
AVX IS QUALIFIED TO MIL-PRF-49470/1
AND MIL-PRF-49470/2
The SMPS capacitors are designed for high current, high-
power and high-temperature applications. These capacitors
have very low ESR (Equivalent Series Resistance) and ESL
(Equivalent Series Inductance). SMPS Series capacitors offer
design and component engineers a proven technology
specifically designed for programs requiring high reliability
performance in harsh environments.
MIL-PRF-49470 SMPS Series capacitors are primarily used
in input/output filters of high-power and high-voltage power
supplies as well as in bus filters and DC snubbers for high
power inverters and other high-current applications. These
capacitors are available with through-hole and surface
mount leads. The operating temperature is -55°C to +125°C.
The MIL-PRF-49470 capacitors are preferred over the
DSCC drawing 87106 capacitors. MIL-PRF-49470 specifi-
cation was created to produce a robust replacement for
DSCC 87106. MIL-PRF-49470 offers two product levels.
Level “B” is the standard reliability. Level “T” is the high relia-
bility suitable for space application.
AVX is qualified to supply MIL-PRF-49470/1 parts. These
are unencapsulated ceramic dielectric, switch mode power
supply capacitors. AVX is also qualified to supply MIL-PRF-
49470/2 parts. These are encapsulated ceramic dielectric,
switch mode power supply capacitors.
PLEASE CONTACT THE DLA WEBSITE
http://www.landandmaritime.dla.mil/programs/milspec/DocS
earch.aspx for details on testing, electrical, mechanical and
part number options.
PLEASE CONTACT THE DLA WEBSITE
http://www.landandmaritime.dla.mil/Programs/QmlQpl/ for
the latest QPL (Qualified Products List).
M49470
Performance
specification
indicating
MIL-PRF-49470
R
Characteristic
P = BP
Q = BQ
R = BR
X = BX
01
Performance
specification
sheet number
01 – indicating
MIL-PRF-49470/1
02 – indicating
MIL-PRF-49470/2
474
Capacitance
K
Capacitance
Tolerance
K = 10%
M = 20%
C
Rated Voltage
Z = 25V
A = 50V
B = 100V
C = 200V
E = 500V
N
Configuration
(Lead Style)
See chart for
Lead configurations
HOW TO ORDER
LEAD CONFIGURATION
millimeters (inches)
For “T” level parts, replace the “M” in the pin with “T” (for
example M49470R01474KCN becomes T49470R01474KCN)
MIL-PRF-49470 contains additional capacitors that are not
available in 87106, such as additional lead configurations
and lower profile parts.
"T" level for 25V under qualification. Availability and updates
upon request.
On the pages to follow is the general dimensional outline
along with a cross reference from 87106 parts to MIL-PRF-
49470 parts.
Not RoHS Compliant
Symbol (Last digit of military PN,
Lead Style
Height Profile
Formed lead length,
12th digit of AVX PN)
(Dimension A)
L
N
N (straight)
Standard
N/A
L
L (formed)
Standard
1.78 ± 0.25 (0.070 ± 0.010)
M
L (formed)
Standard
1.14 ± 0.25 (0.045 ± 0.010)
J
J (formed)
Standard
1.78 ± 0.25 (0.070 ± 0.010)
K
J (formed)
Standard
1.14 ± 0.25 (0.045 ± 0.010)
A
N (straight)
Low
N/A
B
L (formed)
Low
1.78 ± 0.25 (0.070 ± 0.010)
D
L (formed)
Low
1.14 ± 0.25 (0.045 ± 0.010)
C
J (formed)
Low
1.78 ± 0.25 (0.070 ± 0.010)
F
J (formed)
Low
1.14 ± 0.25 (0.045 ± 0.010)
Note: Lead options available marked with a “-” as a place holder. See lead configuration column for available lead options to replace the “-”.
Performance of SMPS capacitors can be simulated by downloading SpiCalci software program -
http://www.avx.com/SpiApps/default.asp#spicalci



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com