Electronic Components Datasheet Search
  English  ▼

X  

SM01 Datasheet(PDF) 10 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 10 Page - AVX Corporation

Back Button SM01 Datasheet HTML 6Page - AVX Corporation SM01 Datasheet HTML 7Page - AVX Corporation SM01 Datasheet HTML 8Page - AVX Corporation SM01 Datasheet HTML 9Page - AVX Corporation SM01 Datasheet HTML 10Page - AVX Corporation SM01 Datasheet HTML 11Page - AVX Corporation SM01 Datasheet HTML 12Page - AVX Corporation SM01 Datasheet HTML 13Page - AVX Corporation SM01 Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
17
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles MIL-PRF-49470
MIL-PRF-49470
AVX PART NUMBER
Capacitance
Case
Lead
PIN 1/
(for reference only)
μF
Tolerance
Characteristic
Code
Configuration
2/
-49470X0-396-B-
SM-11C396-H-480
39
K, M
BX
1
N, L, M, J, K
-49470X0-396-B-
SM-21C396-H-360
39
K, M
BX
2
A, B, D, C, F
-49470X0-476-B-
SM-11C476-H-480
47
K, M
BX
1
N, L, M, J, K
-49470X0-476-B-
SM-21C476-H-360
47
K, M
BX
2
A, B, D, C, F
-49470X0-566-B-
SM-11C566-H-650
56
K, M
BX
1
N, L, M, J, K
-49470X0-686-B-
SM-21C686-H-480
68
K, M
BX
2
N, L, M, J, K
-49470X0-826-B-
SM-21C826-H-650
82
K, M
BX
2
N, L, M, J, K
-49470X0-107-B-
SM-21C107-H-360
100
K, M
BX
6
N, L, M, J, K
-49470X0-127-B-
SM-21C127-H-360
120
K, M
BX
6
N, L, M, J, K
-49470X0-157-B-
SM-21C157-H-480
150
K, M
BX
6
N, L, M, J, K
-49470X0-187-B-
SM-21C187-H-540
180
K, M
BX
6
N, L, M, J, K
200V
-49470R0-474-C-
SM-52C474-H-240
0.47
K, M
BR
5
N, L, M, J, K
-49470R0-564-C-
SM-52C564-H-240
0.56
K, M
BR
5
N, L, M, J, K
-49470R0-684-C-
SM-52C684-H-360
0.68
K, M
BR
5
N, L, M, J, K
-49470R0-824-C-
SM-52C824-H-360
0.82
K, M
BR
5
N, L, M, J, K
-49470R0-105-C-
SM-52C105-H-480
1
K, M
BR
5
N, L, M, J, K
-49470R0-105-C-
SM-42C105-H-120
1
K, M
BR
4
A, B, D, C, F
-49470R0-125-C-
SM-52C125-H-480
1.2
K, M
BR
5
N, L, M, J, K
-49470R0-125-C-
SM-42C125-H-240
1.2
K, M
BR
4
A, B, D, C, F
-49470R0-155-C-
SM-52C155-H-650
1.5
K, M
BR
5
N, L, M, J, K
-49470R0-155-C-
SM-42C155-H-240
1.5
K, M
BR
4
A, B, D, C, F
-49470R0-185-C-
SM-42C185-H-360
1.8
K, M
BR
4
N, L, M, J, K
-49470R0-225-C-
SM-42C225-H-360
2.2
K, M
BR
4
N, L, M, J, K
-49470R0-275-C-
SM-42C275-H-480
2.7
K, M
BR
4
N, L, M, J, K
-49470R0-335-C-
SM-42C335-H-480
3.3
K, M
BR
4
N, L, M, J, K
-49470R0-395-C-
SM-42C395-H-650
3.9
K, M
BR
4
N, L, M, J, K
-49470R0-395-C-
SM-32C395-H-240
3.9
K, M
BR
3
A, B, D, C, F
-49470R0-475-C-
SM-32C475-H-240
4.7
K, M
BR
3
N, L, M, J, K
-49470R0-565-C-
SM-32C565-H-240
5.6
K, M
BR
3
N, L, M, J, K
-49470R0-685-C-
SM-32C685-H-360
6.8
K, M
BR
3
N, L, M, J, K
-49470R0-825-C-
SM-32C825-H-360
8.2
K, M
BR
3
N, L, M, J, K
-49470R0-106-C-
SM-32C106-H-480
10
K, M
BR
3
N, L, M, J, K
-49470R0-126-C-
SM-32C126-H-650
12
K, M
BR
3
N, L, M, J, K
-49470R0-126-C-
SM-22C126-H-240
12
K, M
BR
2
A, B, D, C, F
-49470R0-156-C-
SM-12C156-H-360
15
K, M
BR
1
N, L, M, J, K
-49470R0-156-C-
SM-22C156-H-240
15
K, M
BR
2
A, B, D, C, F
-49470R0-186-C-
SM-12C186-H-480
18
K, M
BR
1
N, L, M, J, K
-49470R0-186-C-
SM-22C186-H-360
18
K, M
BR
2
A, B, D, C, F
-49470R0-226-C-
SM-12C226-H-650
22
K, M
BR
1
N, L, M, J, K
-49470R0-226-C-
SM-22C226-H-360
22
K, M
BR
2
A, B, D, C, F
-49470R0-276-C-
SM-12C276-H-650
27
K, M
BR
1
N, L, M, J, K
-49470R0-276-C-
SM-22C276-H-480
27
K, M
BR
2
A, B, D, C, F
-49470R0-336-C-
SM-22C336-H-480
33
K, M
BR
2
N, L, M, J, K
-49470R0-396-C-
SM-22C396-H-650
39
K, M
BR
2
N, L, M, J, K
-49470R0-476-C-
SM-62C476-H-240
47
K, M
BR
6
N, L, M, J, K
-49470R0-566-C-
SM-62C566-H-360
56
K, M
BR
6
N, L, M, J, K
-49470R0-686-C-
SM-62C686-H-360
68
K, M
BR
6
N, L, M, J, K
-49470R0-826-C-
SM-62C826-H-480
82
K, M
BR
6
N, L, M, J, K
-49470R0-107-C-
SM-62C107-H-650
100
K, M
BR
6
N, L, M, J, K
-49470R0-127-C-
SM-62C127-H-650
120
K, M
BR
6
N, L, M, J, K
500V
-49470Q0-154-E-
SM-57C154-H-120
0.15
K, M
BQ
5
N, L, M, J, K
-49470Q0-184-E-
SM-57C184-H-240
0.18
K, M
BQ
5
N, L, M, J, K
-49470Q0-224-E-
SM-57C224-H-240
0.22
K, M
BQ
5
N, L, M, J, K
-49470Q0-274-E-
SM-57C274-H-240
0.27
K, M
BQ
5
N, L, M, J, K
-49470Q0-334-E-
SM-57C334-H-360
0.33
K, M
BQ
5
N, L, M, J, K
1/ Complete PIN shall include additional symbols replacing dashes (from left to right): product level (M for B level, or T for T level), part style (1 for unencapsulated, 2 for
encapsulated), capacitance tolerance, lead configuration
2/ Complete AVX Part Number (provided for reference only) shall include additional symbols replacing dashes (from left to right): part style (0 for unencapsulated and
9 for encapsulated), capacitance tolerance, lead configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com